Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 11Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 12Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 13Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 14Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 15Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 16Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 17Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 18Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 209 page
background image
Datasheet
15
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Functional description
3.2.4.7
LPECO
The LPECO provides high-frequency clocking using an external crystal connected to the LPECO_IN and
LPECO_OUT pins. It supports fundamental mode (non-overtone) quartz crystals, in the range of 3.99 to 8.01 MHz.
LPECO can operate during DeepSleep, and Hibernate modes with significant lower current consumptions. It can
also be used for real-time-clock applications. When used in conjunction with the PLL, it generates CPU and
peripheral clocks up to device’s maximum frequency.
3.2.4.8
WCO
The WCO is a low-power, watch-crystal oscillator intended for real-time-clock applications. It requires an external
32.768-kHz crystal connected to the WCO_IN and WCO_OUT pins. The WCO can also be configured as a clock
reference for CLK_LF, which is the clock source for the MCWDT and RTC.
3.2.5
Reset
CYT4DN can be reset from a variety of sources, including software. Most reset events are asynchronous and
guarantee reversion to a known state. The reset cause (POR, BOD, OVD, overcurrent, XRES_L, WDT, MCWDT,
software reset, fault, CSV, Hibernate wakeup, debug) is recorded in a register, which is sticky through reset and
allows software to determine the cause of the reset. An XRES_L pin is available for external reset.
3.2.6
Watchdog timer
CYT4DN has one watchdog timer (WDT) and three multi-counter watchdog timers (MCWDT).
The WDT is a free-running counter clocked only by ILO0, which allows it to be used as a wakeup source from
Hibernate. Watchdog operation is possible during all power modes. To prevent a device reset from a WDT
timeout, the WDT must be serviced during a configured window. A watchdog reset is recorded in the reset cause
register.
An MCWDT is available for each of the CPU cores. These timers provide more capabilities than the WDT, and are
only available in Active, Sleep, and DeepSleep modes. These timers have multiple counters that can be used
separately or cascaded to trigger interrupts and/or resets. They are clocked from ILO0 or the WCO.
3.2.7
Power modes
CYT4DN has six power modes that apply to the core functions, CM0+ core, and peripherals without power
switches. Power modes for the CM7 cores and VIDEOSS are controlled separately.
• Active – all peripherals are available
• Low-Power Active (LPACTIVE) – Low-power profile of Active mode where all peripherals and the CPUs are
available, but with limited capability
• Sleep – all peripherals except the CPUs are available
• Low-Power Sleep (LPSLEEP) – Low-power profile of Sleep mode where all peripherals except the CPUs are
available, but with limited capability
• DeepSleep – only peripherals which work with CLK_LF are available
• Hibernate – the device and I/O states are frozen, the device resets on wakeup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com