Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 92 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 92 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 88Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 89Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 90Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 91Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 92Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 93Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 94Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 95Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 96Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 209 page
background image
Datasheet
92
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Miscellaneous configuration
24
Miscellaneous configuration
Table 24-1
Miscellaneous configuration for CYT4DN devices
Sl. No.
Configuration
Number/
Instances
Description
0
SRSS_NUM_CLKPATH
11
Number of clock paths. One for each of FLL, PLL, Direct and
CSV
1
SRSS_NUM_HFROOT
14
Number of CLK_HFs present
2
PERI_PC_NR
8
Number of protection contexts
3
PERI_PERI_PCLK_PCLK_GROUP_NR
2
Number of asynchronous PCLK groups
4
PERI_PERI_PCLK_PCLK_GROUP_NR0_GR_DIV_8_VECT
9
Group 0, Number of divide-by-8 clock dividers
5
PERI_PERI_PCLK_PCLK_GROUP_NR0_GR_DIV_16_VECT
16
Group 0, Number of divide-by-16 clock dividers
6
PERI_PERI_PCLK_PCLK_GROUP_NR0_GR_DIV_16_5_VECT
7
Group 0, Number of divide-by-16.5 clock dividers
7
PERI_PERI_PCLK_PCLK_GROUP_NR0_GR_DIV_24_5_VECT
3
Group 0, Number of divide-by-24.5 clock dividers
8
PERI_PERI_PCLK_PCLK_GROUP_NR0_GR_CLOCK_VECT
84
Group 0, Number of programmable clocks [1, 256]
9
PERI_PERI_PCLK_PCLK_GROUP_NR1_GR_DIV_8_VECT
3
Group 1, Number of divide-by-8 clock dividers
10
PERI_PERI_PCLK_PCLK_GROUP_NR1_GR_DIV_16_VECT
4
Group 1, Number of divide-by-16 clock dividers
11
PERI_PERI_PCLK_PCLK_GROUP_NR1_GR_DIV_24_5_VECT
7
Group 1, Number of divide-by-24.5 clock dividers
12
PERI_PERI_PCLK_PCLK_GROUP_NR1_GR_CLOCK_VECT
21
Group 1, Number of programmable clocks [1, 256]
13
CPUSS_CM0P_MPU_NR
8
Number of MPU regions in CM0+
14
CPUSS_CM7_0_FPU_LVL
2
CM7_0 Floating point unit configuration.
0 - No FPU
1 - Single precision FPU
2 - Single and Double precision FPU
15
CPUSS_CM7_0_MPU_NR
16
Number of MPU regions in CM7_0
16
CPUSS_CM7_0_ICACHE_SIZE
16
CM7_0 Instruction cache (ICACHE) size in KB
17
CPUSS_CM7_0_DCACHE_SIZE
16
CM7_0 Data cache size (DCACHE) in KB
18
CPUSS_CM7_0_ITCM_SIZE
64
CM7_0 Instruction TCM (ITCM) size in KB
19
CPUSS_CM7_0_DTCM_SIZE
64
CM7_0 Data TCM (DTCM) size in KB
20
CPUSS_CM7_1_FPU_LVL
2
CM7_1 Floating point unit configuration.
0 - No FPU
1 - Single precision FPU
2 - Single and Double precision FPU
21
CPUSS_CM7_1_MPU_NR
16
Number of MPU regions in CM7_1
22
CPUSS_CM7_1_ICACHE_SIZE
16
CM7_1 Instruction cache (ICACHE) size in KB
23
CPUSS_CM7_1_DCACHE_SIZE
16
CM7_1 Data cache size (DCACHE) in KB
24
CPUSS_CM7_1_ITCM_SIZE
64
CM7_1 Instruction TCM (ITCM) size in KB
25
CPUSS_CM7_1_DTCM_SIZE
64
CM7_1 Data TCM (DTCM) size in KB
26
CPUSS_DW0_CH_NR
76
Number of P-DMA0 channels
27
CPUSS_DW1_CH_NR
84
Number of P-DMA1 channels
28
CPUSS_DMAC_CH_NR
8
Number of M-DMA0 controller channels
29
CPUSS_CRYPTO_BUFF_SIZE
2048
Number of 32-bit words in the IP internal memory buffer
(to allow for a 256-B, 512-B, 1-KB, 2-KB, 4-KB, 8-KB, 16-KB,
and 32-KB memory buffer)
30
CPUSS_FAULT_FAULT_NR
4
Number of fault structures
31
CPUSS_IPC_IPC_NR
8
Number of IPC structures
0 - Reserved for CM0+ access
1 - Reserved for CM7_0 access
2 - Reserved for CM7_1 access
3 - Reserved for DAP access
Remaining for user purposes
32
CPUSS_PROT_SMPU_STRUCT_NR
16
Number of SMPU protection structures
33
SCB0_EZ_DATA_NR
256
Number of EZ memory bytes. This memory is used in EZ
mode, CMD_RESP mode and FIFO mode.
Note: Only SCB0 supports EZ mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com