Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 73 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 73 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 69Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 70Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 71Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 72Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 73Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 74Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 75Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 76Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 77Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 209 page
background image
Datasheet
73
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Faults
28
PERI_MS_VIO_2
CM7_1 Peripheral Master Interface PPU violation.
See PERI_MS_VIO_0 description.
29
PERI_MS_VIO_3
P-DMA0 Peripheral Master Interface PPU violation.
See PERI_MS_VIO_0 description.
30
PERI_MS_VIO_4
P-DMA1 Peripheral Master Interface PPU violation.
See PERI_MS_VIO_0 description.
32
PERI_GROUP_VIO_0
Peripheral Group #0 violation.
DATA0[31:0]: Violating address.
DATA1[0]: User read.
DATA1[1]: User write.
DATA1[2]: User execute.
DATA1[3]: Privileged read.
DATA1[4]: Privileged write.
DATA1[5]: Privileged execute.
DATA1[6]: Non-secure.
DATA1[11:8]: Master identifier.
DATA1[15:12]: Protection context identifier.
DATA1[31:28]: “0”: decoder or peripheral bus error, other: undefined.
33
PERI_GROUP_VIO_1
Peripheral Group #1 violation. See PERI_GROUP_VIO_0 description.
34
PERI_GROUP_VIO_2
Peripheral Group #2 violation. See PERI_GROUP_VIO_0 description.
35
PERI_GROUP_VIO_3
Peripheral Group #3 violation. See PERI_GROUP_VIO_0 description.
36
PERI_GROUP_VIO_4
Peripheral Group #4 violation. See PERI_GROUP_VIO_0 description.
37
PERI_GROUP_VIO_5
Peripheral Group #5 violation. See PERI_GROUP_VIO_0 description.
38
PERI_GROUP_VIO_6
Peripheral Group #6 violation. See PERI_GROUP_VIO_0 description.
40
PERI_GROUP_VIO_8
Peripheral Group #8 violation. See PERI_GROUP_VIO_0 description.
41
PERI_GROUP_VIO_9
Peripheral Group #9 violation. See PERI_GROUP_VIO_0 description.
42
PERI_GROUP_VIO_10
Peripheral Group #10 violation. See PERI_GROUP_VIO_0 description.
48
CPUSS_FLASHC_MAIN_BUS_ERR
Flash controller main flash bus error
FAULT_DATA0[26:0]: Violating address. Append 5'b00010 as most significant bits to derive
32-bit system address.
FAULT_DATA1[11:8]: Master identifier.
49
CPUSS_FLASHC_MAIN_C_ECC
Flash controller main flash correctable ECC violation
DATA[26:0]: Violating address. Append 5'b00010 as most significant bits to derive 32-bit system
address.
DATA1[7:0]: Syndrome of 64-bit word (at address offset 0x00).
DATA1[15:8]: Syndrome of 64-bit word (at address offset 0x08).
DATA1[23:16]: Syndrome of 64-bit word (at address offset 0x10).
DATA1[31:24]: Syndrome of 64-bit word (at address offset 0x18).
50
CPUSS_FLASHC_MAIN_NC_ECC
Flash controller main flash non-correctable ECC violation.
See CPUSS_FLASHC_MAIN_C_ECC description.
51
CPUSS_FLASHC_WORK_BUS_ERR
Flash controller work-flash bus error.
See CPUSS_FLASHC_MAIN_BUS_ERR description.
52
CPUSS_FLASHC_WORK_C_ECC
Flash controller work flash correctable ECC violation.
DATA0[26:0]: Violating address. Append 5'b00010 as most significant bits to derive 32-bit system
address.
DATA1[6:0]: Syndrome of 32-bit word.
53
CPUSS_FLASHC_WORK_NC_ECC
Flash controller work-flash non-correctable ECC violation.
See CPUSS_FLASHC_WORK_C_ECC description.
54
CPUSS_FLASHC_CM0_CA_C_ECC
Flash controller CM0+ cache correctable ECC violation.
DATA0[26:0]: Violating address.
DATA1[6:0]: Syndrome of 32-bit SRAM word (at address offset 0x0).
DATA1[14:8]: Syndrome of 32-bit SRAM word (at address offset 0x4).
DATA1[22:16]: Syndrome of 32-bit SRAM word (at address offset 0x8).
DATA1[30:24]: Syndrome of 32-bit SRAM word (at address offset 0xc).
55
CPUSS_FLASHC_CM0_CA_NC_ECC
Flash controller CM0+ cache non-correctable ECC violation.
See CPUSS_FLASHC_CM0_CA_C_ECC description.
56
CPUSS_FM_SRAMC_C_ECC
Flash code storage SRAM memory correctable ECC violation:
DATA0[15:0]: Address location in the eCT Flash SRAM.
DATA1[6:0]: Syndrome of 32-bit SRAM word.
57
CPUSS_FM_SRAMC_NC_ECC
Flash code storage SRAM memory non-correctable ECC violation:
See CPUSS_FM_SRAMC_C_ECC description.
58
CPUSS_RAMC0_C_ECC
System memory controller 0 correctable ECC violation:
DATA0[31:0]: Violating address.
DATA1[6:0]: Syndrome of 32-bit SRAM code word.
Table 21-1
Fault assignments (continued)
Fault
Source
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com