Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 4Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 5Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 6Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 7Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 8Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 9Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 10Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 11Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 209 page
background image
Datasheet
8
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Features list
eSHE / HSM
By separate firmware[2]
Sound
Mixer
2 ch (5 mixer sources)
PCM-PWM
2 ch
TDM
4 TDM structures (each support 32 channels)
TDM/I2S
4 ch (TDM0/1/2/3: TX and RX)
Audio DAC
1 ch
Sound Generator (SG)
5 ch
Graphics
2/2.5 D Engine
Supported
Embedded Video RAM
4096 KB (with protection)
Vector Drawing
Supported
Warping
Supported (on the fly)
Scale/Rotate/Blend
Supported (on the fly)
Graphics Engine Clock
250 MHz (max)
Timing Control
One output
Video Capture
One Capture (1 × RGB or 1 × MIPI CSI-2, up to 4 lanes)
Video Capture Formats
TTL - ITU656 (8-/10-bit, RGB/YUV interlaced or progressive),
Parallel RGB (1 to 24 bpp), YUV444, YUV422
MIPI CSI-2 - Table 29-3
Number of Displays
Maximum two displays simultaneously
(2 × LVDS single or 1 × LVDS dual and 1 × RGB)
RGB888/TTL Output
1 ch at 80 MHz (max)
FPD-link/LVDS Output
Dual channel LVDS at 220 MHz pixel clock (max)
Single channel LVDS at 110 MHz pixel clock (max)
MIPI CSI-2 Input
4 lane MIPI CSI-2 at 220 MHz pixel clock (max)
2 lane MIPI CSI-2 at 110 MHz pixel clock (max)
JPEG Decoder
Video performance up to 1600 × 800 @ 60 Hz
Decompressed data in either packed (YUV444, RGB, Gray - 8/24 bpp) or semi-planar
(YUV422, YUV420, YUV411 - 8/16 bpp) buffer formats
System
DMA Controller
P-DMA0 with 76 channels (32 general purpose), P-DMA1 with 84 channels (16 general
purpose), M-DMA0 with 8 channels, and
AXI M-DMA1 with 4 channels
Internal Main Oscillator
8 MHz
Internal Low speed Oscillator
32.768 kHz (nominal)
PLL
Input frequency: 3.988 to 33.34 MHz, PLL output frequency: up to 320 MHz
FLL
Input frequency: 0.25 to 100 MHz, FLL output frequency: up to 100 MHz
Watchdog timer and multi-counter watchdog timer
Supported (WDT + 3× MCWDT)
MCWDT#0 tied to CM0+, MCWDT#1 to CM7_0, MCWDT#2 to CM7_1
Clock supervisor
Supported
Cyclic wakeup from DeepSleep
Supported
GPIO Standard (GPIO_STD)
49
GPIO Enhanced (GPIO_ENH)
8
GPIO SMC (GPIO_SMC)[3]
24
Notes
2. Enhanced Secure Hardware Extension (eSHE) and Hardware Security Module (HSM) support are enabled by third-party firmware.
3. High current SMC I/O for direct connections to stepper motor coils for pointer instruments.
Table 1-1
CYT4DN feature list (continued)
Features
Packages
327-BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com