Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 25Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 26Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 27Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 28Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 29Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 30Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 31Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 32Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 209 page
background image
Datasheet
29
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
CYT4DN CPU start-up sequence
8CYT4DN CPU start-up sequence
The start-up sequence is described in the following steps:
1. System Reset (@0x0000 0000)
2. CM0+ executes ROM boot (@0x0000 0004)
i. Applies trims
ii. Applies Debug Access port (DAP) access restrictions and system protection from eFuse and supervisory
flash
iii.Authenticates flash boot (only in SECURE life-cycle stage) and transfers control to it
3. CM0+ executes flash boot (from Supervisory flash @0x1700 2000)
i. Debug pins are configured as per the SWD/JTAG spec[23]
ii. Sets CM0+ vector offset register (CM0_VTOR part of the Arm® system space) to the beginning of flash
(@0x1000 0000)
iii.CM0+ branches to its Reset handler
4. CM0+ starts execution
i. Moves CM0+ vector table to SRAM (updates CM0+ vector table base)
i. Sets up wait states for different memory subsystems
i. Sets up root clocks, enable core external supply (PMIC), graphics subsystem etc.
i. Sets clocks for CM7_0 (CLK_HF1) and CM7_1 (CLK_HF2)
ii. Sets CM7_0 (CM7_0_VECTOR_TABLE_BASE @0x4020 0200) and CM7_1 (CM7_1_VECTOR_TABLE_BASE
@0x4020 0600) vector tables to the respective locations, also and mentioned in flash (specified in the linker
definition file)
iii.Enables the power for both the CPU cores CM7_0 and CM7_1
iv.Disables CPU_WAIT so as to be able to be accessed by the debugger
v. Releases CM7_0 and/or CM7_1 from reset
vi.Continues execution of CM0+ user application
5. CM7_0 and/or CM7_1 executes directly from either code-flash or SRAM
i. CM7_0/CM7_1 branches to its Reset handler
ii. Continues execution of the user application
Note
23.Port configuration of SWD/JTAG pins will be changed from the default GPIO mode to support debugging after the boot process, refer
to Table 11-1 for pin assignments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com