Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 7Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 8Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 9Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 10Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 11Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 12Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 13Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 14Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 209 page
background image
Datasheet
11
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Functional description
3
Functional description
3.1
CPU subsystem
3.1.1
CPU
The CYT4DN CPU subsystem contains a 32-bit Arm® Cortex®-M0+ CPU with MPU, and two 32-bit Arm® Cortex®-M7
CPUs, each with MPU, single/double-precision FPU, and 16-KB data and instruction caches. This subsystem also
includes P-/M-DMA controllers, a cryptographic accelerator, 6336 KB of code-flash, 128 KB of work-flash, 640 KB
of SRAM, and 64 KB of ROM.
The Cortex®-M0+ CPU provides a secure, un-interruptible boot function. This guarantees that, following
completion of the boot function, system integrity is valid and privileges are enforced. Shared resources (flash,
SRAM, peripherals, and so on) can be accessed through bus arbitration, and exclusive accesses are supported by
an inter-processor communication (IPC) mechanism using hardware semaphores.
Each Cortex®-M7 CPU has 64 KB of instruction and 64 KB of data TCM with programmable read wait states. Each
TCM is clocked by the associated Cortex®-M7 CPU clock.
3.1.2
DMA controllers
CYT4DN has three DMA controllers: P-DMA0 with 32 general purpose and 44 dedicated channels, P-DMA1 with 16
general purpose and 68 dedicated channels, M-DMA0 with eight channels, and AXI M-DMA1 with four channels.
P-DMA is used for peripheral-to-memory and memory-to-peripheral data transfers and provides low latency for
a large number of channels. Each P-DMA controller uses a single data-transfer engine that is shared by the
associated channels. General purpose channels have a rich interconnect matrix including P-DMA cross triggering
which enables demanding data-transfer scenarios. Dedicated channels have a single triggering input (such as an
ADC channel) to handle common transfer needs. M-DMA is used for memory-to-memory data transfers and
provides high memory bandwidth for a small number of channels. M-DMA uses a dedicated data-transfer engine
for each channel. They support independent accesses to peripherals using the AHB multi-layer bus. AXI M-DMA
is used to provide access to AXI slaves like VRAM.
3.1.3
Flash
CYT4DN has 6336 KB (6080 KB with a 32-KB sector size, and 256 KB with an 8-KB sector size) of code-flash with an
additional work-flash of 128 KB (96 KB with a 2-KB sector size, and 32 KB with a 128-B sector size). Work-flash is
optimized for reprogramming many more times than code-flash. Code-flash supports Read-While-Write (RWW)
operation so that flash may be updated while the CPU is active. Both the code-flash and work-flash areas support
dual-bank operation for over-the-air (OTA) programming.
3.1.4
SRAM
CYT4DN has 640 KB of SRAM with three independent controllers. SRAM0 provides DeepSleep retention in 32-KB
increments while SRAM1/2 are selectable between fully retained and not retained.
3.1.5
ROM
CYT4DN has 64 KB of ROM that contains boot and configuration routines. This ROM enables secure boot and
authentication of user flash to guarantee a secure system.
3.1.6
Cryptography accelerator for security
The cryptography accelerator implements (3)DES block cipher, AES block cipher, SHA hash, cyclic redundancy
check, pseudo random number generation, true random number generation, Galois/counter mode, and a vector
unit to support asymmetric key cryptography such as RSA and ECC.
Depending on the part number, this block is either completely or partially available or not available at all. See
“Ordering information” on page 186 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com