Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 72 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 72 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 68Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 69Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 70Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 71Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 72Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 73Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 74Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 75Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 76Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 209 page
background image
Datasheet
72
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Faults
21
Faults
Table 21-1
Fault assignments
Fault
Source
Description
0
CPUSS_MPU_VIO_0
CM0+ SMPU violation
DATA0[31:0]: Violating address.
DATA1[0]: User read.
DATA1[1]: User write.
DATA1[2]: User execute.
DATA1[3]: Privileged read.
DATA1[4]: Privileged write.
DATA1[5]: Privileged execute.
DATA1[6]: Non-secure.
DATA1[11:8]: Master identifier.
DATA1[15:12]: Protection context identifier.
DATA1[31]: '0' MPU violation; '1': SMPU violation.
1
CPUSS_MPU_VIO_1
Crypto SMPU violation. See CPUSS_MPU_VIO_0 description.
2
CPUSS_MPU_VIO_2
P-DMA0 MPU/SMPU violation. See CPUSS_MPU_VIO_0 description.
3
CPUSS_MPU_VIO_3
P-DMA1 MPU/SMPU violation. See CPUSS_MPU_VIO_0 description.
4
CPUSS_MPU_VIO_4
M-DMA0 MPU/SMPU violation. See CPUSS_MPU_VIO_0 description.
9
CPUSS_MPU_VIO_9
ETH0 MPU/SMPU violation. See CPUSS_MPU_VIO_0 description.
11
CPUSS_MPU_VIO_11
AXI M-DMA1 MPU/SMPU violation. See CPUSS_MPU_VIO_0 description.
12
CPUSS_MPU_VIO_12
VIDEOSS0 MPU/SMPU violation. See CPUSS_MPU_VIO_0 description.
13
CPUSS_MPU_VIO_13
CM7_1 MPU/SMPU violation. See CPUSS_MPU_VIO_0 description.
14
CPUSS_MPU_VIO_14
CM7_0 MPU/SMPU violation. See CPUSS_MPU_VIO_0 description.
15
CPUSS_MPU_VIO_15
Test Controller MPU/SMPU violation. See CPUSS_MPU_VIO_0 description.
16
CPUSS_CM7_0_CACHE_C_ECC
Correctable ECC error in CM7_0 Cache memories
DATA0[16:2]: location information: Tag/Data SRAM, Way, Index and line Offset, see CM7 UGRM
IEBR0/DEBR0 description for details.
DATA0[31]: 0=Instruction cache, 1= Data cache
17
CPUSS_CM7_0_CACHE_NC_ECC
Non Correctable ECC error in CM7_0 Cache memories. See CPUSS_CM7_0_CACHE_C_ECC
description
18
CPUSS_CM7_0_TCM_C_ECC
Correctable ECC error in CM7_0 TCM memory
DATA0[23:2]: Violating address.
DATA1[7:0]: Syndrome of code word (at address offset 0x0).
DATA1[31:30]: 0= ITCM, 2=D0TCM, 3=D1TCM
19
CPUSS_CM7_0_TCM_NC_ECC
Non Correctable ECC error in CM7_0 TCM memory.
See CPUSS_CM7_0_TCM_C_ECC description.
20
CPUSS_CM7_1_CACHE_C_ECC
Correctable ECC error in CM7_1 Cache memories.
See CPUSS_CM7_0_CACHE_C_ECC description
21
CPUSS_CM7_1_CACHE_NC_ECC
Non Correctable ECC error in CM7_1 Cache memories. See CPUSS_CM7_0_CACHE_C_ECC
description
22
CPUSS_CM7_1_TCM_C_ECC
CPU CM7_1 TCM memory correctable ECC violation.
See CPUSS_CM7_0_TCM_C_ECC description.
23
CPUSS_CM7_1_TCM_NC_ECC
CPU CM7_1 TCM memory non-correctable ECC violation.
See CPUSS_CM7_0_TCM_C_ECC description.
24
PERI_PERI_C_ECC
Peripheral protection SRAM correctable ECC violation
DATA0[10:0]: Violating address.
DATA1[7:0]: Syndrome of SRAM word.
25
PERI_PERI_NC_ECC
Peripheral protection SRAM non-correctable ECC violation
26
PERI_MS_VIO_0
CM0+ Peripheral Master Interface PPU violation
DATA0[31:0]: Violating address.
DATA1[0]: User read.
DATA1[1]: User write.
DATA1[2]: User execute.
DATA1[3]: Privileged read.
DATA1[4]: Privileged write.
DATA1[5]: Privileged execute.
DATA1[6]: Non-secure.
DATA1[11:8]: Master identifier.
DATA1[15:12]: Protection context identifier.
DATA1[31:28]: “0”: master interface, PPU violation, “1': timeout detected, “2”: bus error, other:
undefined.
27
PERI_MS_VIO_1
CM7_0 Peripheral Master Interface PPU violation.
See PERI_MS_VIO_0 description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com