Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 12Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 13Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 14Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 15Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 16Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 17Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 18Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 19Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 209 page
background image
Datasheet
16
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Functional description
3.3
Peripherals
3.3.1
Peripheral clock dividers
Integer and fractional clock dividers are provided for peripheral and timing purposes.
3.3.2
Peripheral protection unit
The peripheral protection unit (PPU) controls and monitors unauthorized access from all masters (CPU,
P-/M-DMA, Crypto, and any enabled debug interface) to the peripherals. It allows or restricts data transfers on the
bus infrastructure. The access rules are enforced based on specific properties of a transfer, such as an address
range for the transfer and access attributes (such as read/write, user/privilege, and secure/non-secure).
3.3.3
12-bit SAR ADC
CYT4DN contains one 1-Msps SAR ADC. This ADC can be clocked at up to 26.67 MHz and provide a 12-bit result in
26 clock cycles.
The references for the SAR ADC comes from a dedicated pair of inputs: VREFH and VREFL[11].
CYT4DN supports 32 logical ADC channels which can select one of 54 input sources. Sources include 48 external
inputs from I/Os, and six internal connections for diagnostic and monitoring purposes.
The number of ADC channels (per ADC and package type) are listed in Table 1-1.
SAR ADC has a sequencer, which autonomously cycles through the configured channels (sequencer scan) with
zero-switching overhead (that is, the aggregate sampling bandwidth, when clocked at 26.67 MHz, is equal to 1
Msps whether it is for a single channel or distributed over several channels). The sequencer switching is
controlled through a state machine or firmware. The sequencer prioritizes trigger requests, enables the
appropriate analog channel, controls ADC sampling, initiates ADC data conversion, manages results, and initiates
subsequent conversions for repetitive or group conversions without CPU intervention.
SAR ADC has two analog multiplexers used to connect the signals to be measured to the ADC. One is SARMUX0
which has 24 GPIO_STD inputs (ADC[0]_0 to ADC[0]_23), and six additional inputs to measure internal signals
such as a band-gap reference, a temperature sensor, VCCD, VDDA_ADC power supplies and AMUXBUSA/B signals.
The other multiplexer is SARMUX1 which has 24 GPIO_SMC inputs (ADC[1]_0 to ADC[1]_23).
CYT4DN has a temperature sensor. Software post processing is required to convert the temperature sensor
reading into kelvin or Celsius values.
To accommodate signals with varying source impedances and frequencies, it is possible to have different sample
times programmed for each channel. ADC also supports range comparison, which allows fast detection of
out-of-range values without having to wait for a sequencer scan to complete and for the CPU firmware to evaluate
the measurement for out-of-range values.
The ADC is not usable in DeepSleep and Hibernate modes as they require a high-speed clock. The ADC input
reference voltage VREFH range is 2.7 V to VDDA_ADC and VREFL is VSSA_ADC.
Table 3-2
Clock dividers - CPUSS Group (Number 0)
Divider Type
Instances
Description
div_8
9
Integer divider, 8 bits
div_16
16
Integer divider, 16 bits
div_16_5
7
Fractional divider, 16.5 bits (16 integer bits, 5 fractional bits)
div_24_5
3
Fractional divider, 24.5 bits (24 integer bits, 5 fractional bits)
Table 3-3
Clock dividers - CPUSS Group (Number 1)
Divider Type
Instances
Description
div_8
3
Integer divider, 8 bits
div_16
4
Integer divider, 16 bits
div_24_5
7
Fractional divider, 24.5 bits (24 integer bits, 5 fractional bits)
Note
11.VREF_L prevents IR drops in the VSSIO and VSSA_ADC paths from impacting the measurements. VREF_L, when properly connected,
reduces or removes the impact of IR drops in the VSS and VSSA_ADC paths from measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com