Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 21Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 22Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 23Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 24Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 25Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 26Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 27Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 28Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 209 page
background image
Datasheet
25
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Peripheral I/O map
6Peripheral I/O map
Table 6-1
CYT4DN peripheral I/O map
Section
Description
Base address Instances
Instance
size
Group Slave
PERI
Peripheral interconnect
0x4000 0000
0
0
Peripheral group (0, 1, 2, 3, 4, 5, 6, 8, 9,
10)
0x4000 4000
10
0x40
Peripheral trigger group
0x4000 8000
13
0x400
Peripheral 1:1 trigger group
0x4000 C000
8
0x400
PERI_MS
Peripheral interconnect, master
interface
0x4002 0000
0
1
PERI Programmable PPU
0x4002 0000
10[21]
0x40
PERI Fixed PPU
0x4002 0800
582
0x40
PERI_PCLK Peripheral Clock Groups
0x4004 0000
2
0x2000
0
2
Crypto
Cryptography component
0x4010 0000
1
0
CPUSS
CPU subsystem (CPUSS)
0x4020 0000
2
0
FAULT
Fault structure subsystem
0x4021 0000
2
1
Fault structures
0x4021 0000
4
0x100
IPC
Inter process communication
0x4022 0000
2
2
IPC structures
0x4022 0000
8
0x20
IPC interrupt structures
0x4022 1000
8
0x20
PROT
Protection
0x4023 0000
2
3
Shared memory protection unit
structures
0x4023 2000
16
0x40
Memory protection unit structures
0x4023 4000
16
0x400
FLASHC
Flash controller
0x4024 0000
2
4
SRSS
System Resources Subsystem Core
Registers
0x4026 0000
2
5
Clock Supervision High Frequency
0x4026 1400
14
0x10
Clock Supervision Reference
Frequency
0x4026 1710
1
Clock Supervision Low Frequency
0x4026 1720
1
Clock Supervision Internal Low
Frequency
0x4026 1730
1
Clock PLL 400 MHz
0x4026 1900
5
0x10
Multi Counter WDT
0x4026 8000
3
0x100
Free Running WDT
0x4026 C000
1
BACKUP
SRSS Backup Domain/RTC
0x4027 0000
2
6
Backup Register
0x4027 1000
4
0x04
Note
21.These programmable PPUs are configured by the Boot ROM and are available for the user based on the access rights. Refer to the
device specific TRM to know more about the configuration of these programmable PPUs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com