Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBJS Datasheet(PDF) 136 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 136 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 132Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 133Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 134Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 135Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 136Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 137Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 138Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 139Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 140Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 209 page
background image
Datasheet
136
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
Figure 26-10 SPI master timing diagrams with LOW clock phase
SPI Master Timing Diagrams (LATE_MISO_SAMPLE=1)
CPHA=0
SSEL
SCLK
(CPOL=0)
SCLK
(CPOL=1)
MISO
(input)
MOSI
(output)
2
5
6
4
4
1
7
3
8
9
1: SCLK period = 1 / fSPI
2: Enable lead time (setup) = tEN_SETUP = Depends on SPI_CTRL.SSEL_SETUP_DEL (Refer to the Register TRM)
3: Enable trail time (hold) = tEN_HOLD = Depends on SPI_CTRL.SSEL_HOLD_DEL (Refer to the Register TRM)
4: SCLK high or low time = tW_SCLK_H_L
5: Input data setup time = tDSI
6: Input data hold time = tDHI
7: Output data valid after SCLK driving edge = tDMO
8: Output data hold time = tHMO
9: SSEL high pulse width = Depends on SPI_CTRL.SSEL_INTER_FRAME_DEL (Refer to the Register TRM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com