Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVCT Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM79C901AVCT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVCT Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM79C901AVCT Datasheet HTML 14Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 15Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 16Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 17Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 18Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 19Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 20Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 21Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 90 page
background image
18
Am79C901A
PR ELI M IN AR Y
PIN DESCRIPTIONS
Configuration Pins
MII/GPSI
MII/GPSI
Input
MII/GPSI selects between the MII and the GPSI inter-
face. This pin must be connected to either VDD or VSS.
Changing the state of this pin is prohibited.
GM_MODE
GM_MODE
Input
This input pin selects between the MDC/MDIO com-
mand and control interface and the SPI interface nor-
mally available in the GPSI mode. This pin must be
connected to either VDD or VSS. Changing the state of
this pin is prohibited.
Note: GM_MODE = 1 overrides the value on the
MII/GPSI configuration pin.
PHY_AD
PHY Address
Input
Sets bit 2 of the PHY Address field. The PHYs have de-
fault MII address of 0x00 (0000b) for the 1 Mbps
HomePNA PHY and 0x01 (0001b) for the 10BASE-T
PHY. If this bit is set, the address for the HomePNA
PHY is 0x02 (00010b) and 0x03 (00011b) for the
10BASE-T PHY.
ISOLATE
Isolate
Input
In an environment that utilizes the MII or the SPI com-
mand and control interface (managed mode), this pin
must be held HIGH. In an environment that does not
use the MII or the SPI command and control interface
(external control mode), this pin enables the data inter-
face when set to a LOW, and forces the interface into a
high impedance state when held HIGH. This pin func-
tions in conjunction with the PHY_SEL pin and HPR0,
bit 10, and TBR0, bit 10.
PHY_SEL
PHY Select
Input
In an environment that utilizes the MII or the SPI com-
mand and control interface (managed mode), this pin
must be held LOW. In an environment that does not use
the MII or the SPI command and control interface (ex-
ternal control mode), this pin selects which PHY data
and status signals will be driven onto the interface.
When set to a LOW, the HomePNA PHY data and sta-
tus signals will be driven onto the interface. When set
to a HIGH, the 10BASE-T PHY data and status signals
will be driven onto the interface. This pin functions in
conjunction with the ISOLATE pin.
LOW = 1 Mbps HomePNA PHY
HIGH = 10BASE-T PHY
Board Interface
LED_COL
LED_COL
Output
This output is designed to directly drive an LED. COL
low indicates that a collision has been detected on
the currently active PHY. An internal pulse stretching
circuit will ensure that the minimum output pulse is
approximately 100 ms.
LED_ACTIVITY
LED_ACTIVITY
Output
This output is designed to directly drive an LED.
ACTIVITY low indicates that there is receive or trans-
mit activity on the network of the currently active PHY.
An internal pulse stretching circuit will ensure that the
minimum output pulse is approximately 100 ms.
LED_LINK
LED_LINK
Output
This output is designed to directly drive an LED. LINK
low indicates that a valid link has been detected on the
currently active PHY.
GM_MODE
MII/GPSI
Data
Interface
Command and
Control Interface
0
1
MII
MDC/MDIO
0
0
GPSI
SPI
1
X
GPSI
MDC/MDIO
HPR0
Bit 10
TBR0
Bit 10
PHY_SEL
ISOLATE
Interface
Source
Managed Mode
11
0
1
Hi Z
01
0
1
1 Mbps
HomePNA
1
0
0
1
10BASE-T
00
0
1
Non Valid
External Control Mode
1
1
1
0
10BASE-T
11
0
0
1 Mbps
HomePNA
11
Don’t
Care
1Hi Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com