Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVCT Datasheet(PDF) 82 Page - Advanced Micro Devices

Part # AM79C901AVCT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVCT Datasheet(HTML) 82 Page - Advanced Micro Devices

Back Button AM79C901AVCT Datasheet HTML 78Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 79Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 80Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 81Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 82Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 83Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 84Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 85Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 86Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 90 page
background image
82
Am79C901A
PR ELI M IN AR Y
AC CHARACTERISTICS (CONTINUED)
MDC/MDIO
Figure 16.
MII Management Timing
No.
Symbol
Parameter Description
Min
Max
Unit
79
tPER
MDC period
400
–
ns
80
tPWH
MDC pulse width HIGH
160
–
ns
81
tPWL
MDC pulse width LOW
160
–
ns
82
tPD
MDIO output delay from MDC
↑ edge
0
300
ns
83
tS
MDIO input setup time to MDC
↑ edge
8
–
ns
84
tH
MDIO input hold time from MDC
↑ edge
8
–
ns
85
tZ
MDC to high impedance
540
ns
MDC
MDIO
79
84
83
82
85
81
80
22304B-40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com