Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVCT Datasheet(PDF) 60 Page - Advanced Micro Devices

Part # AM79C901AVCT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVCT Datasheet(HTML) 60 Page - Advanced Micro Devices

Back Button AM79C901AVCT Datasheet HTML 56Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 57Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 58Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 59Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 60Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 61Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 62Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 63Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 64Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 90 page
background image
60
Am79C901A
PR ELI M IN AR Y
TBR4: 10BASE-T Auto-Negotiation Advertisement Register (Register 4)
This register contains the advertised ability of the
Am79C901A home networking device. The purpose of
this register is to advertise the technology ability to the
link partner device. See Table 45.
W hen th is re g ist er is m odifi ed, Rest ar t Au to -
Negotiation (Register 0, bit 9) must be enabled to
guarantee the change is implemented.
Table 45.
TBR4: 10BASE-T Auto-Negotiation Advertisement Register (Register 4)
Bits
Name
Description
Read/
Write
Default
Value
(hex)
15
Next Page
When set, the device wishes to engage in next page exchange. If
cleared, the device does not wish to engage in next page
exchange.
R/W
0
14
Reserved
R0
13
Remote Fault
When set, a remote fault bit is inserted into the base link code
word during the Auto-Negotiation process. When cleared, the
base link code work will have the bit position for remote fault as
cleared.
R/W
0
12:11
Reserved
R0
10
PAUSE
This bit should be set if the PAUSE capability is to be advertised.
R/W
0
9
Reserved
R0
8
Full-Duplex -
100BASE-TX
This bit advertises Full-Duplex capability. When set, Full-Duplex
capability is advertised. When cleared, Full-Duplex capability is
not advertised.
R0
7
Half-Duplex -
100BASE-TX
This bit advertises Half-Duplex capability for the Auto-Negotiation
process. Setting this bit advertises Half-Duplex capability.
Clearing this bit does not advertise Half-Duplex capability.
R0
6
Full-Duplex -
10BASE-T
This bit advertises Full-Duplex capability. When set, Full-Duplex
capability is advertised. When cleared, Full-Duplex capability is
not advertised.
R/W
1
5
Half-Duplex -
10BASE-T
This bit advertises Half-Duplex capability for the Auto-Negotiation
process. Setting this bit advertises Half-Duplex capability.
Clearing this bit does not advertise Half-Duplex capability.
R/W
1
4:0
Selector Field
The 10BASE-T PHY of the Am79C901A home networking device
is an 802.3 compliant device.
R01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com