Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVCT Datasheet(PDF) 53 Page - Advanced Micro Devices

Part # AM79C901AVCT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVCT Datasheet(HTML) 53 Page - Advanced Micro Devices

Back Button AM79C901AVCT Datasheet HTML 49Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 50Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 51Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 52Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 53Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 54Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 55Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 56Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 57Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 90 page
background image
Am79C901A
53
PR ELI M IN AR Y
HPR24: HomePNA PHY Noise Control 2 Register (Register 24)
Table 32.
HPR24: HomePNA PHY Noise Control 2 Register (Register 24)
HPR25: HomePNA PHY Noise Statistics Register (Register 25)
Table 33.
HPR25: HomePNA PHY Noise Statistics Register (Register 25)
Bits
Name
Description
Read/
Write
Default
Value
15:8
Noise Attack
Sets the attack characteristics of the NOISE
algorithm. High nibble sets number of noise events
needed to raise the NOISE level immediately, while
the low nibble is the number of noise events needed
to raise the level at the end of an 870 ms period.
R/W
F4
7:0
Reserved
Reads will produce undefined results.
RXX
Bits
Name
Description
Read/
Write
Default
Value
(hex)
15:8
Noise Level
This is the digital value of the SLICE_LVL_NOISE
output. It is effectively a measure of the noise level
on the wire and tracks noise by counting the
number of false triggers of the NOISE comparator
in an 800 ms window. When auto-adaptation is
enabled (bit 5 of the PHY_Control Register is
false), this register is updated with the current
NOISE count every 50 ns. When adaptation is
disabled, this register may be written to and is used
to generate both the SLICE_LVL_NOISE and
SLICE_LVL_DATA signals.
R/W
03
7:0
Peak Level
This is a measurement of the peak level of the last
valid (non-collision) AID received.
R/W
FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com