Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVCT Datasheet(PDF) 65 Page - Advanced Micro Devices

Part # AM79C901AVCT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVCT Datasheet(HTML) 65 Page - Advanced Micro Devices

Back Button AM79C901AVCT Datasheet HTML 61Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 62Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 63Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 64Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 65Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 66Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 67Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 68Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 69Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 90 page
background image
Am79C901A
65
PR ELI M IN AR Y
TBR19: 10BASE-T PHY Management Extension Register (Register 19)
Table 2 contains the PHY Management Extension Reg-
ister (Register 19) bits.
Table 2.
TBR19: 10BASE-T PHY Management Extension Register (Register 19)
TBR24: 10BASE-T Summary Status Register (Register 24)
The Summary Status register is a global register con-
taining status information. This register is Read Only
and represents the most important data which a single
register access can convey. The Summary Status regis-
ter indicates the following: Link Status, Full-Duplex Sta-
tus, Auto-Negotiation Alert, and Speed. See Table 3.
Table 3.
TBR24: 10BASE-T Summary Status Register (Register 24)
Bits
Name
Description
Read/Write
Default Value
(hex)
15:6
Reserved
Write as 0; ignore on read
R0
5
Mgmt Frame Format
1 = Last management frame was invalid
(opcode error, etc.)
0 = Last management frame was valid
R0
4:0
PHY Address
PHY Address defaults to 000X1
X = Value on pin PHY_ADD (i.e., 00001 or
00011)
R
01/03
Bits
Name
Description
Read/Write
Default Value
(hex)
15:4
Reserved
Write as 0; Ignore on Read
R0
3Link Status
1 = Link Status is up
0 = Link Status is down
R0
2
Full-Duplex
1 = Operating in Full-Duplex mode
0 = Operating in Half-Duplex mode
R0
1
Auto-Negotiation
Alert
1 = Auto-Negotiation status has changed
0 = Auto-Negotiation status unchanged
R0
0
Speed
1 = Operating at 100 Mbps
0 = Operating at 10 Mbps
R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com