Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVCT Datasheet(PDF) 71 Page - Advanced Micro Devices

Part # AM79C901AVCT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVCT Datasheet(HTML) 71 Page - Advanced Micro Devices

Back Button AM79C901AVCT Datasheet HTML 67Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 68Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 69Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 70Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 71Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 72Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 73Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 74Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 75Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 90 page
background image
Am79C901A
71
PR ELI M IN AR Y
AC CHARACTERISTICS (CONTINUED)
10BASE-T Receive Timing (GPSI) (Continued)
Figure 4.
10 Mbps Receive End of Packet Timing (GPSI)
10BASE-T Transmit Clock Timing (GPSI)
10BASE-T Receive Clock Timing (GPSI)
Figure 5.
10 Mbps Transmit and Receive Clock Timing (GPSI)
15
RXCLK
RX±
CLS
RXCRS
End of Packet
15
14
22304B-28
No.
Symbol
Parameter Description
Min
Max
Unit
18
tPER
TXCLK period
99.99
100.01
ns
19
tPWH
TXCLK pulse width HIGH
45
55
ns
20
tPWL
TXCLK pulse width LOW
45
55
ns
No.
Symbol
Parameter Description
Min
Max
Unit
18
tPER
RXCLK period
99.99
100.01
ns
19
tPWH
RXCLK pulse width HIGH
45
55
ns
20
tPWL
RXCLK pulse width LOW
45
55
ns
TXCLK,
RXCLK
18
20
19
22304B-29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com