Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVCT Datasheet(PDF) 58 Page - Advanced Micro Devices

Part # AM79C901AVCT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVCT Datasheet(HTML) 58 Page - Advanced Micro Devices

Back Button AM79C901AVCT Datasheet HTML 54Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 55Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 56Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 57Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 58Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 59Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 60Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 61Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 62Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 90 page
background image
58
Am79C901A
PR ELI M IN AR Y
TBR1: 10BASE-T Status Register (Register 1)
The Status Register identifies the physical and Auto-
Negotiation capabilities of the local PHY. This register
is read only; a write will have no effect. See Table 42.
Table 42.
TBR1: 10BASE-T PHY Status Register (Register 1)
Note:
1. LH = Latching High, LL = Latching Low.
Bits
Name
Description
Read/Write
(Note 1)
Default
Value
(hex)
15
100BASE-T4
1 = 100BASE-T4 able
0 = Not 100BASE-T4 able
R0
14
100BASE-X Full-Duplex
1 = 100BASE-X full-duplex able
0 = Not 100BASE-X full-duplex able
R0
13
100BASE-X Half-Duplex
1 = 100BASE-X half-duplex able
0 = Not 100BASE-X half-duplex able
R0
12
10 Mbps Full-Duplex
1 = 10 Mbps full-duplex able
0 = Not 10 Mbps full-duplex able
R1
11
10 Mbps Half-Duplex
1 = 10 Mbps half-duplex able
0 = Not 10 Mbps half-duplex able
R1
10:7
Reserved
Ignore when read
RX
6
Management Frame Preamble
Suppression
1 = PHY can accept management (mgmt)
frames with or without preamble
0 = PHY can only accept mgmt frames with
preamble
R1
5
Auto-Negotiation Complete
1 = Auto-Negotiation completed
0 = Auto-Negotiation not completed
R0
4
Remote Fault
1 = Remote fault detected
0 = No remote fault detected
R, LH
(Note 1)
0
3
Auto-Negotiation Ability
1 = PHY able to auto-negotiate,
0 = PHY not able to auto-negotiate
R1
2
Link Status
1 = Link is up
0 = Link is down
R, LL
(Note 1)
0
1
Jabber Detect
1 = Jabber condition detected
0 = No jabber condition detected
R0
0
Extended Capability
1 = Extended register capabilities
0 = Basic register set capabilities only
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com