Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVCT Datasheet(PDF) 70 Page - Advanced Micro Devices

Part # AM79C901AVCT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVCT Datasheet(HTML) 70 Page - Advanced Micro Devices

Back Button AM79C901AVCT Datasheet HTML 66Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 67Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 68Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 69Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 70Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 71Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 72Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 73Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 74Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 90 page
background image
70
Am79C901A
PR ELI M IN AR Y
AC CHARACTERISTICS (CONTINUED)
10BASE-T Receive Timing (GPSI)
Figure 3.
10 Mbps Receive Start of Packet Timing (GPSI)
No.
Symbol
Parameter Description
Min
Max
Unit
10
tPD
CLS assert latency from SOP
200
300
ns
11
tPD
RXCRS assert latency from SOP
200
300
ns
12
tPD
Receive latency (SOP to RXDAT valid)
320
430
ns
13
tPD
RXCLK
↓ edge to RXDAT transition
–
10
ns
14
tPD
CLS de-assert latency from EOP
125
250
ns
15
tPD
RXCRS de-assert latency from EOP
165
255
ns
11
10
RXCLK
RX±
CLS
RXCRS
RXDAT
Start of Packet
12
13
22304B-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com