Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVCT Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM79C901AVCT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVCT Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM79C901AVCT Datasheet HTML 8Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 9Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 10Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 11Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 12Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 13Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 14Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 15Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 90 page
background image
12
Am79C901A
PR ELI M IN AR Y
PIN DESIGNATIONS (PL 068)
Listed By Group
Pin Name
Pin Function
Type
Driver Type
Number of
Pins
Configuration
MII/GPSI
Selects MII or GPSI mode
I
–
1
GM_MODE
Selects MDC/MDIO and GPSI data
I
–
1
ISOLATE
Isolates device if register isolate bit is set = 1
I
–
1
PHY_SEL
Defines default PHY
I
–
1
PHY_AD
Defines bit 2 of the PHY address
I
–
1
Board Interface
RESET
RESET
I
–
1
XCLK/XTAL
Oscillator/Crystal Select
I
–
1
XTAL1
Crystal Input (20 MHz XTAL/60 MHz CLK)
I
–
1
XTAL2
Crystal Output (20 MHz XTAL)
O
XTAL
1
IREF
Tied to GND via a 12.1 k
Ω 1% resistor
I
–
1
LED_COL
Collision Indication
O
LED
1
LED_ACTIVITY
Activity Indication
O
LED
1
LED_LINK
Link Valid Indication
O
LED
1
LED_SPEED
High Speed Indication
O
LED
1
LED_POWER
High Power Indication
O
LED
1
1 Mbps HomePNA PHY Network Ports
HRTXRXP/N
Receive/Transmit Data
I/O
–
2
10BASE-T PHY Network Ports
TX±
Serial Transmit Data
O
–
2
RX±
Serial Receive Data
I
–
2
MII Interface
TX_CLK
MII Transmit Clock
O
OMII
1
TXD[3:0]
MII Transmit Data
I
–
4
TX_EN
MII Transmit Enable
I
–
1
RX_CLK
MII Receive Clock
O
OMII
1
RXD[3:0]
MII Receive Data
O
OMII
4
RX_ER
MII Receive Error
O
OMII
1
RX_DV
MII Receive Data Valid
O
OMII
1
MDC
MII Management Data Clock
I
–
1
MDIO
MII Management Data Input/Output
I/O
TSMII
1
CRS
Carrier Sense
O
OMII
1
COL
Collision
O
OMII
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com