Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVCT Datasheet(PDF) 52 Page - Advanced Micro Devices

Part # AM79C901AVCT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVCT Datasheet(HTML) 52 Page - Advanced Micro Devices

Back Button AM79C901AVCT Datasheet HTML 48Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 49Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 50Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 51Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 52Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 53Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 54Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 55Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 90 page
background image
52
Am79C901A
PR ELI M IN AR Y
HPR20 and HPR21: HomePNA PHY RxCOMM Registers (Registers 20 and 21)
Table 29.
HPR20 and HPR21: HomePNA PHY RxCOMM Registers (Registers 20 and 21)
The 32-bit received data field to be used for out-of-
band communication between PHY management
entities. No protocol for out-of-band management
has been defined. Accessing the low word of the
register is sufficient to ensure that subsequently
received packets will not overwr ite the register
contents. A non-null received PCOM will set the
RxPCOM Valid bit of the Event Status Register
(HPR26). Accessing the high word of the register
clears this bit and allows overwriting of the register
by subsequent received packets.
HPR22: HomePNA PHY AID Register (Register 22)
Table 30.
HPR22: HomePNA PHY AID Register (Register 22)
The PHY’s AID address is used for collision detec-
tion. Unless bit 7 of the CONTROL register is set,
the PHY is assured to select a unique AID address.
Addresses above EFh are reserved. Address FFh is
defined to indicate a remote command.
HPR23: HomePNA PHY Noise Control Register (Register 23)
Table 31.
HPR23: HomePNA PHY Noise Control Register (Register 23)
Bits
Name
Description
Read/Write
Default
Value
(hex)
15:0
PHY_RX_COMM (4)
The 32-bit preamble received by the HomePNA
PHY. HPR20 contains the high word and HPR21 the
low word.
R0000
Bits
Name
Description
Read/Write
Default
Value
(hex)
15:8
PHY_AID
The Access ID of this PHY.
If PHY_Control Disable AID Negotiation is set, then
writes to this bit will have no effect.
R/W
00
7:0
Noise Events
An 8-bit counter that records the number of noise
events detected. Overflows are held as FFh. Can be
cleared by setting bit 6 of HPR16.
R/W
00
Bits
Name
Description
Read/
Write
Default
Value
(hex)
15:8
Noise Floor
If the input NOISE measurement (HPR25, bits 15:8)
exceeds the PEAK measurement (HPR25, bits 7:0),
this value is loaded into the NOISE Level register
HPR25, bits 15:8.
R/W
03
7:0
Noise Ceiling
If the input NOISE measurement (HPR25, bits 15:8)
exceeds the PEAK measurement (HPR25, bits 7:0),
this value is loaded into the NOISE Level register
HPR25, bits 7:0.
R/W
FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com