Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVCT Datasheet(PDF) 80 Page - Advanced Micro Devices

Part # AM79C901AVCT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVCT Datasheet(HTML) 80 Page - Advanced Micro Devices

Back Button AM79C901AVCT Datasheet HTML 76Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 77Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 78Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 79Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 80Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 81Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 82Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 83Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 84Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 90 page
background image
80
Am79C901A
PR ELI M IN AR Y
AC CHARACTERISTICS (CONTINUED)
1 Mbps HomePNA Receive Timing (MII)
Note: Not tested.
Figure 14.
1 Mbps HomePNA Receive Timing (MII)
No.
Symbol
Parameter Description
Min
Max
Unit
68
tPD
RX_CLK
↓ edge to RXD, RX_DV transitions (Note 1)
010
ns
69
tPD
SYNC pulse detected to CRS clocked as active by MAC (Note 1)
650
850
ns
70
tPD
Last DATA pulse crosses data slice level to CRS inactive (Note 1)
15.98
16.10
µs
71
tPD
CRS inactive to COL inactive clocked into MAC (Note 1)
–
200
ns
22304B-38
RX_CLK
RXD,
RX_DV
HRTXRXP/N±
CRS
COL
AID
DATA
DATA
DATA
SYNC
68
71
70
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com