Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVCT Datasheet(PDF) 56 Page - Advanced Micro Devices

Part # AM79C901AVCT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVCT Datasheet(HTML) 56 Page - Advanced Micro Devices

Back Button AM79C901AVCT Datasheet HTML 52Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 53Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 54Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 55Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 56Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 57Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 58Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 59Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 60Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 90 page
background image
56
Am79C901A
PR ELI M IN AR Y
HPR31: HomePNA PHY Analog Control Register (Register 31)
Table 39.
HPR31: HomePNA PHY Analog Control Register (Register 31)
10BASE-T PHY Management Registers (TBRs)
The Am79C901A home networking device supports
the MII basic register set and extended register set.
Both sets of registers are accessible through the MII
management interface or via the SPI interface. As
specified in the IEEE standard, the basic register set-
Status Register (Register 1). The extended register set
consists of the Control Register (Register 0) and the
consists of Registers 2 to 31 (decimal).
Table 40 lists all the 10BASE-T registers imple-
mented in the device. All the reser ved registers
should not be written to, and reading them will return
an undetermined value.
Table 40.
10BASE-T PHY Management Registers (TBRs)
Bits
Name
Description
Read/
Write
Default
Value
(hex)
15:11
Level_Adjust
Global output slope adjustment. These bits control
the number of current sources enabled for transmit.
Each bit represents a single current source. Thus
10101 enables three current sources as does
11100.
R/W
18
10:8
Reserved
Reserved. Must be written as 0.
R/W
0
7
Force_Link_Valid
1 = Link Status bit will be held valid
0 = Normal operation
R/W
0
6:0
Reserved
Reserved. Must be written as 0.
R/W
0
Register
Address
Symbol
Name
Basic/Extended
Default Value After
H_RESET
0
TBR0
PHY Control Register
B
1500h
1
TBR1
PHY Status Register
B
1xx9h
2
TBR2
PHY Identifier Register
E
0000h
3
TBR3
PHY Identifier Register
E
6B71h
4
TBR4
Auto-Negotiation Advertisement Register
E
0061h
5
TBR5
Auto-Negotiation Link Partner Ability Register
E
0000h
6
TBR6
Auto-Negotiation Expansion Register
E
0004h
7
TBR7
Auto-Negotiation Next Page Register
E
2001h
8:15
TBR8-TBR15
Reserved
E
–
16
TBR16
Status and Enable Register
E
0000h
17
TBR17
PHY Control/Status Register
E
0001h
18
TBR18
Reserved
E
–
19
TBR19
PHY Management Extension Register
E
–
20:23
TBR20-TBR23
Reserved
E
–
24
TBR24
Summary Status Register
E
0000h
25:31
TBR25-TBR31
Reserved
E
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com