Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVCT Datasheet(PDF) 73 Page - Advanced Micro Devices

Part # AM79C901AVCT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVCT Datasheet(HTML) 73 Page - Advanced Micro Devices

Back Button AM79C901AVCT Datasheet HTML 69Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 70Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 71Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 72Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 73Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 74Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 75Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 76Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 77Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 90 page
background image
Am79C901A
73
PR ELI M IN AR Y
AC CHARACTERISTICS (CONTINUED)
1 Mbps HomePNA Receive Timing (GPSI)
Note: Not tested.
Figure 7.
1 Mbps HomePNA Receive Timing (GPSI)
No.
Symbol
Parameter Description
Min
Max
Unit
29
tPD
RXCLK
↓ edge to RXDAT transition (Note 1)
010
ns
30
tPD
SYNC pulse detected to RXCRS clocked as active by MAC (Note 1)
650
850
ns
31
tPD
Last DATA pulse crosses noise slice level to RXCRS inactive (Note 1)
15.98
16.10
µs
32
tPD
RXCRS inactive to CLS inactive clocked into MAC (Note 1)
–
200
ns
RXCLK
RXDAT
HRTXRXP/N
±
RXCRS
CLS
AID
DATA
DATA
DATA
SYNC
29
32
31
30
22304B-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com