Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVCT Datasheet(PDF) 76 Page - Advanced Micro Devices

Part # AM79C901AVCT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVCT Datasheet(HTML) 76 Page - Advanced Micro Devices

Back Button AM79C901AVCT Datasheet HTML 72Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 73Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 74Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 75Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 76Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 77Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 78Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 79Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 80Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 90 page
background image
76
Am79C901A
PR ELI M IN AR Y
AC CHARACTERISTICS (CONTINUED)
10BASE-T Receive Timing (MII)
Note: RXD not tested.
Figure 10.
10 Mbps Receive Start of Packet Timing (MII)
No.
Symbol
Parameter Description
Min
Max
Unit
48
tPD
COL assert latency from SOP
200
300
ns
49
tPD
CRS assert latency from SOP
200
300
ns
50
tPD
Receive latency (SOP to RXD, RX_DV valid) (Note 1)
625
1275
ns
51
tPD
RX_CLK
↓ edge to RXD, RX_DV transition
–
10
ns
52
tPD
RX_DV de-assert latency EOP
500
900
ns
53
tPD
COL de-assert latency from EOP
100
700
ns
54
tPD
CRS de-assert latency from EOP
500
900
ns
49
48
RX_CLK
RX±
COL
CRS
RXD,
RX_DV
Start of Packet
51
50
22304B-34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com