Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVCT Datasheet(PDF) 64 Page - Advanced Micro Devices

Part # AM79C901AVCT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVCT Datasheet(HTML) 64 Page - Advanced Micro Devices

Back Button AM79C901AVCT Datasheet HTML 60Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 61Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 62Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 63Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 64Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 65Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 66Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 67Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 68Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 90 page
background image
64
Am79C901A
PR ELI M IN AR Y
TBR17: 10BASE-T PHY Control/Status Register (Register 17)
This register is used to control the configuration of the 10
Mbps PHY of the Am79C901A home networking device.
See Table 1.
Table 1.
TBR17: 10BASE-T PHY Control/Status Register (Register 17)
Note: For these loopback paths, the data is also transmitted out of the MDI pins (TX±).
Bits
Name
Description
Read/Write
Default
Value
(hex)
15:14
Reserved
R00
13
Force Link Good Enable
1 = Link status forced to link up state
0 = Link status is determined by the device
R/W
0
12
Disable Link Pulse
1 = Link pulses sent from the 10BASE-T transmitter
are suppressed
0 = Link pulse enabled (normal operation)
R/W
0
11
SQE_TEST Disable
1 = Disables the SQE heartbeat which occurs after
each 10BASE-T transmission
0 = The heartbeat assertion occurs on the COL pin
approximately 1 µs after transmission and for a
duration of 1 µs
R/W
0
10
Reserved
R0
9
Jabber Detect Disable
1 = Disable jabber detect
0 = Enable jabber detect
R/W
0
8:7
Reserved
R00
6
Receive Polarity
Reversed
1 = Receive polarity of the 10BASE-T receiver is
reversed
0 = Receive polarity is correct
R0
5
Auto Receive Polarity
Correction Disable
1 = Polarity correction circuit is disabled for
10BASE-T
0 = Self correcting polarity circuit is enabled
R/W
0
4
Extended Distance
Enable
1 = 10BASE-T receive squelch thresholds are
reduced to allow reception of frames which are
greater than 100 meters
0 = Squelch thresholds are set for standard distance
of 100 meters
R/W
0
3
TX_DISABLE
1 = TX± outputs not active
0 = Transmit valid data
R/W
0
2
TX_CRS_EN
1 = CRS is asserted when transmit or receive
medium is active
0 = CRS is asserted when receive medium is active
R/W
0
1
Reserved
R0
0
PHY Isolated
1 = 10BASE-T PHY is isolated
0 = 10BASE-T PHY is enabled
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com