Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVCT Datasheet(PDF) 62 Page - Advanced Micro Devices

Part # AM79C901AVCT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVCT Datasheet(HTML) 62 Page - Advanced Micro Devices

Back Button AM79C901AVCT Datasheet HTML 58Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 59Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 60Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 61Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 62Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 63Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 64Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 65Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 66Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 90 page
background image
62
Am79C901A
PR ELI M IN AR Y
TBR6: 10BASE-T Auto-Negotiation Expansion Register (Register 6)
The Auto-Negotiation Expansion Register provides ad-
ditional information which aids the Auto-Negotiation
process. The Auto-Negotiation Expansion Register bits
are Read Only. See Table 48.
Table 48.
TBR6: 10BASE-T Auto-Negotiation Expansion Register (Register 6)
TBR7: 10BASE-T Auto-Negotiation Next Page Register (Register 7)
The Auto-Negotiation Next Page Register contains the
next page link code word to be transmitted. On power-up
the default value of 2001h represents a message page
with the message code set to null. See Table 49.
Table 49.
TBR7: 10BASE-T Auto-Negotiation Next Page Register (Register 7)
Reserved Registers (Registers 8-15, 18, 20-23, and 25-31)
The Am79C901A device contains reserved registers at
addresses 8-15, 18, 20-23, and 25-31. These registers
should be ignored when read and should not be written
to at any time.
Bits
Name
Description
Read/
Write
Default Value
(hex)
15:5
Reserved
R0
4
Parallel Detection
Fault
1 = Parallel detection fault
0 = No parallel detection fault
R, LH
0
3
Link Partner Next
Page Able
1 = Link partner is next page able
0 = Link partner is not next page able
R0
2
Next Page Able
1 = Am79C901A device channel is next page able
0 = Am79C901A device channel is not next page able
R1
1
Page Received
1 = A new page has been received
0 = A new page has not been received
R, LH
0
0
Link Partner ANEG
Able
1 = Link partner is Auto-Negotiation able
0 = Link partner is not Auto-Negotiation able
R0
Bits
Name
Description
Read/
Write
Default Value
(hex)
15
Next Page
Am79C901A device channel next page request
R/W
0
14
Reserved
R0
13
Message Page
Am79C901A device channel message page request
R/W
1
12
Acknowledge 2
1 = Am79C901A device channel can comply with the request
0 = Am79C901A device channel cannot comply with the request
R/W
0
11
Toggle
Am79C901A device channel toggle bit
R0
10:0
Message Field
Message code field
R/W
001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com