Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVCT Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM79C901AVCT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVCT Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM79C901AVCT Datasheet HTML 7Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 8Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 9Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 10Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 11Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 12Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 13Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 14Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 90 page
background image
Am79C901A
11
PR ELI M IN AR Y
PIN DESIGNATIONS (PQT 80)
Listed By Pin Number
Note: NC pins are reserved and should be left unconnected.
Pin
No.
Pin
Name
Pin
No.
Pin
Name
Pin
No.
Pin
Name
Pin
No.
Pin
Name
1
NC
21
NC
41
NC
61
NC
2
NC
22
NC
42
NC
62
NC
3
RXD1
23
TXD2
43
AVDD
63
RESET
4
RXD0/RXDAT
24
TXD3/CS
44
AVSS
64
TEN
5
DVSS
25
DVSS
45
AVSS
65
MII/GPSI
6
RX_DV
26
COL/CLS
46
HRTXRXN
66
PHY_AD
7
DVDD
27
DVSS
47
AVDD
67
ISOLATE
8
RX_CLK/RXCLK
28
CRS/RXCRS
48
HRTXRXP
68
MDIO/SDO
9
AVDD
29
DVDD
49
AVDD
69
DVSS
10
PHY_SEL
30
DVDD
50
IREF
70
MDC/SCLK
11
DVDD
31
TDO
51
AVSS
71
LED_LINK
12
RX_ER
32
TCK
52
TX+
72
LED_COL
13
DVSS
33
TMS
53
AVDD
73
LED_ACTIVITY
14
GM_MODE
34
TDI
54
TX-
74
DVDD
15
TX_CLK/TXCLK
35
XCLK/XTAL
55
AVSS
75
LED_POWER
16
TX_EN/TXEN
36
XTAL2
56
RX+
76
LED_SPEED
17
TXD0/TXDAT
37
XTAL1
57
AVDD
77
DVSS
18
TXD1/SDI
38
AVDD
58
RX-
78
RXD3
19
NC
39
NC
59
NC
79
RXD2
20
NC
40
NC
60
NC
80
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com