Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVCT Datasheet(PDF) 47 Page - Advanced Micro Devices

Part # AM79C901AVCT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVCT Datasheet(HTML) 47 Page - Advanced Micro Devices

Back Button AM79C901AVCT Datasheet HTML 43Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 44Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 45Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 46Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 47Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 48Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 49Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 50Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 51Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 90 page
background image
Am79C901A
47
PR ELI M IN AR Y
HPR4: HomePNA PHY Auto-Negotiation Advertisement Register (Register 4)
This register contains the advertised ability of the
Am79C901A device. The purpose of this register is to
advertise the technology ability to the link partner de-
vice. When this register is modified, Restart Auto-Ne-
gotiation (Register 0, bit 9) must be enabled to
guarantee the change is implemented.
Table 21.
HPR4: HomePNA PHY Auto-Negotiation Advertisement Register (Register 4)
Bits
Name
Description
Read/Write
Default
Value
(hex)
15
Next Page
When set, the device wishes to engage in next page exchange. If
cleared, the device does not wish to engage in next page
exchange.
R0
14
Reserved
R0
13
Remote Fault
When set, a remote fault bit is inserted into the base link code word
during the Auto-Negotiation process. When cleared, the base link
code work will have the bit position for remote fault as cleared.
R0
12:11
Reserved
R0
10
PAUSE
This bit should be set if the PAUSE capability is to be advertised.
R0
9
Reserved
R0
8
Full-Duplex
100BASE-TX
This bit advertises Full-Duplex capability. When set, Full-Duplex
capability is advertised. When cleared, Full-Duplex capability is
not advertised.
R0
7
Half-Duplex
100BASE-TX
This bit advertises Half-Duplex capability for the Auto-Negotiation
process. Setting this bit advertises Half-Duplex capability. Clearing
this bit does not advertise Half-Duplex capability.
R0
6
Full-Duplex
10BASE-T
This bit advertises Full-Duplex capability. When set, Full-Duplex
capability is advertised. When cleared, Full-Duplex capability is
not advertised.
R0
5
Half-Duplex
10BASE-T
This bit advertises Half-Duplex capability for the Auto-Negotiation
process. Setting this bit advertises Half-Duplex capability. Clearing
this bit does not advertise Half-Duplex capability.
R1
4:0
Selector Field
The Am79C901A device is an IEEE 802.3 compliant device.
R01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com