Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AVCT Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM79C901AVCT
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AVCT Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM79C901AVCT Datasheet HTML 18Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 19Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 20Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 21Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 22Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 23Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 24Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 25Page - Advanced Micro Devices AM79C901AVCT Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 90 page
background image
22
Am79C901A
PR ELI M IN AR Y
BASIC FUNCTIONS
Network Interfaces
The Am79C901A PHY contains an integrated 1 Mbps
home networking PHY and a 10BASE-T PHY. This de-
vice is compliant with the HomePNA specification 1.0
and IEEE 802.3 specification.
The integrated HomePNA transceiver is a physical
layer device that enables data networking at speeds up
to 1 Mbps over existing residential phone wiring regard-
less of topology and without disrupting telephone
(POTS) service.
The integrated Ethernet transceiver is a physical layer
device suppor ting the IEEE 802.3 standard for
10BASE-T. It provides all of the PHY layer functions re-
quired to support 10 Mbps data transfer speeds. The
10BASE-T PHY suppor ts both half-duplex and
full-duplex operation.
PHY Data Interfaces
The Am79C901A PHY has both GPSI and MII-com-
patible data interfaces. In addition, a special mode,
GM_MODE, allows access to the MDC/MDIO com-
mand and control interface while in the GPSI mode.
For more information, see the Pin Descriptions and
the Detailed Functions sections.
Reset
There are two different types of RESET operations that
may be perfor med on the Am79C901A device,
H_RESET or S_RESET. The following is a description
of each type of RESET operation.
H_RESET
Hardware Reset (H_RESET) is a reset operation that
has been initiated by the proper asser tion of the
RESET pin of the Am79C901A device. When the
minimum pulse width timing as specified in the
RESET pin description has been satisfied, an inter-
nal reset operation will be performed.
H_RESET will program all of the registers to their
default value.
S_RESET
In a software reset (S_RESET), programming bit 15 of
HPR0 to 1 will reset all the registers in the 1 Mbps
HomePNA PHY (HPRs), and programming bit 15 of
TBR0 to 1 will reset TBR4, TBR7, TBR17, and TBR24
in the 10BASE-T PHY. These bits are self-clearing.
DETAILED FUNCTIONS
GPSI Interface
The seven signals that comprise the GPSI are TXCLK,
TXEN, TXDAT, RXCLK, RXCRS, RXDAT, and CLS. Of
these, only TXEN and TXDAT are inputs to the PHY;
the other five are outputs from the PHY. These signals
behave differently depending on which operation is cur-
rently happening in the PHY. The operations of the
PHY are as follows: Idle (no activity in either direction),
RXPKT (receiving data), and TXPKT (transmitting
data). The subsequent subsections analyze each
GPSI-related state of the PHY in detail.
Figure 1.
Idle State
TXCLK
TXEN
TXDAT
RXCLK
RXCRS
RXDAT
CLS
Note: RXCLK and TXCLK are synchronized to the same phase. All other signals are inactive. The two clock
signals toggle for an overall period of 583.3ns (about 1.7 MHz).
22304B-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com