Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWMB Datasheet(PDF) 112 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 112 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 108Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 109Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 110Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 111Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 112Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 113Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 114Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 115Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 116Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 216 page
background image
110
S75WS256Nxx Based MCPs
S75WS-N-00_00_A0 February 17, 2005
Data
Sheet
See also the Requirements for Asynchronous Read Operation (Non-Burst) and the Requirements
for Synchronous (Burst) Read Operation sections for more information. The Asynchronous Read
and Synchronous/Burst Read tables provide the read parameters, Figure 25.2, Figure 25.3, and
Figure 25.7 show the timings.
19.2 Set Configuration Register Command Sequence
The device uses a configuration register to set the various burst parameters: number of wait
states, burst read mode, RDY configuration, and synchronous mode active. The configuration reg-
ister must be set before the device will enter burst mode.
The configuration register is loaded with a four-cycle command sequence. The first two cycles are
standard unlock sequences. On the third cycle, the data should be D0h and address bits should
be 555h. During the fourth cycle, the configuration code should be entered onto the data bus with
the address bus set to address 000h or 001h. Once the data has been programmed into the con-
figuration register, a software reset command is required to set the device into the correct state.
The device will power up or after a hardware reset with the default setting, which is in asynchro-
nous mode. The register must be set before the device can enter synchronous mode. The
configuration register can not be changed during device operations (program, erase, or sector
lock).
19.3 Read Configuration Register Command Sequence
The configuration register can be read with a four-cycle command sequence. The first two cycles
are standard unlock sequences. On the third cycle, the data should be C6h and address bits
should be 555h. During the fourth cycle, the configuration code should be read out of the data
bus with the address bus set to address 000h or 001h. Once the data has been read from the
configuration register, a software reset command is required to set the device into array read
mode.
Figure 19.1 Synchronous/Asynchronous State Diagram
Power-up/
Hardware Reset
Asynchronous Read
Mode Only
Synchronous Read
Mode Only
Set Burst Mode
Configuration Register
Command for
Synchronous Mode
(D15 = 0)
Set Burst Mode
Configuration Register
Command for
Asynchronous Mode
(D15 = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com