Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWMB Datasheet(PDF) 113 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 113 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 109Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 110Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 111Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 112Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 113Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 114Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 115Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 116Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 117Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 216 page
background image
February 17, 2005 S75WS-N-00_00_A0
S75WS256Nxx Based MCPs
111
Data
Sheet
19.3.1
Read Mode Setting
On power-up or hardware reset, the device is set to be in asynchronous read mode. This setting
allows the system to enable or disable burst mode during system operations. Configuration Bit
CR0.15 determines this setting: 1 for asynchronous mode, 0 for synchronous mode.
19.3.2
Programmable Wait State Configuration
The programmable wait state feature informs the device of the number of clock cycles that must
elapse after AVD# is driven active before data will be available. This value is determined by the
input frequency of the device. Configuration Bit CR1.0 & CR0.13–CR0.11 determine the set-
ting (see Table 19.7).
The wait state command sequence instructs the device to set a particular number of clock cycles
for the initial access in burst mode. The number of wait states that should be programmed into
the device is directly related to the clock frequency.
Notes:
1. Upon power-up or hardware reset, the default setting is twelve wait states.
2. All other but setting are reserved.
It is recommended that the wait state command sequence be written, even if the default wait
state value is desired, to ensure the device is set as expected. A hardware reset will set the wait
state to the default setting.
19.3.3
Programmable Wait State
The host system should set CR1.0 & CR0.13-CR0.11 to 1100/1010/1000 for a clock frequency
of 80/66/54 MHz for the system/device to execute at maximum speed.
19.3.4
Boundary Crossing Latency
Additional wait states must be inserted to account for boundary crossing latency. This is done by
setting CR0.14 to a ‘1’ (default). If required, CR0.14 can be changed to a ‘0’ to remove the
boundary crossing latency.
Table 19.7 Programmable Wait State Settings
CR1.0
CR0.13
CR0.12
CR0.11
Total Initial Access Cycles
00
0
0
Reserved
00
0
1
3
00
1
0
4
00
1
1
5
01
0
0
6
01
0
1
7
01
1
0
Reserved
01
1
1
Reserved
10
0
0
8
10
0
1
9
10
1
0
10
10
1
1
11
1
1
0
0
12 (default)
11
0
1
13
11
1
0
Reserved
11
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com