Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWMB Datasheet(PDF) 116 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 116 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 112Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 113Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 114Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 115Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 116Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 117Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 118Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 119Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 120Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 216 page
background image
114
S75WS256Nxx Based MCPs
S75WS-N-00_00_A0 February 17, 2005
Data
Sheet
19.5 Reset Command
Writing the reset command resets the device to the read or erase-suspend-read mode. Address
bits are don’t cares for this command.
The reset command may be written between the sequence cycles in an erase command sequence
before erasing begins. This resets the device to which the system was writing to the read mode.
[Once erasure begins, however, the device ignores reset commands until the operation is
complete].
The reset command may be written between the sequence cycles in a program command se-
quence before programming begins (prior to the third cycle). This resets the device to which the
system was writing to the read mode. If the program command sequence is written to the device
that is in the Erase Suspend mode, writing the reset command returns the device to the erase-
suspend-read mode. Once programming begins, however, the device ignores reset commands
until the operation is complete.
The reset command may be written between the sequence cycles in an autoselect command se-
quence. Once in the autoselect mode, the reset command must be written to return to the read
mode. If a device entered the autoselect mode while in the Erase Suspend mode, writing the reset
command returns that device to the erase-suspend-read mode.
If DQ5 goes high during a program or erase operation, writing the reset command returns the
device to the read mode (or erase-suspend-read mode if the device was in Erase Suspend and
program-suspend-read mode if the device was in Program Suspend).
Note: If DQ1 goes high during a Write Buffer Programming operation, the system must
write the Write to Buffer Abort Reset command sequence to RESET the device to read-
ing array data. The standard RESET command will not work. See Table 19.9 for details
on this command sequence.
19.6 Autoselect Command Sequence
The autoselect command sequence allows the host system to access the manufacturer and device
codes, and determine whether or not a sector is protected. The Command Definitions table shows
the address and data requirements. The autoselect command sequence may be written to an ad-
dress within the device that is either in the read or erase-suspend-read mode. The autoselect
command may not be written while the device is actively programming or erasing.
The autoselect command sequence is initiated by first writing two unlock cycles. This is followed
by a third write cycle that contains the autoselect command. The device then enters the autose-
lect mode. No subsequent data will be made available if the autoselect data is read in synchronous
mode. The system may read at any address within the device any number of times without initi-
ating another autoselect command sequence. The following table describes the address
requirements for the various autoselect functions, and the resulting data. The device ID is read
in three cycles.
Table 19.10 Autoselect Addresses
Description
Address
Read Data
Manufacturer ID
00h
01h
Device ID, Word 1
01h
227Eh
Device ID, Word 2
0Eh
2229 (RS512N)
Device ID, Word 3
0Fh
2201 (RS512N)
Indicator Bits
03h
DQ15 - DQ5 = 0
DQ4 & DQ3 = 11
DQ2 - DQ0 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com