Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWMB Datasheet(PDF) 114 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 114 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 110Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 111Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 112Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 113Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 114Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 115Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 116Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 117Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 118Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 216 page
background image
112
S75WS256Nxx Based MCPs
S75WS-N-00_00_A0 February 17, 2005
Data
Sheet
19.3.5
Handshaking
For optimal burst mode performance, the host system must set the appropriate number of wait
states in the flash device depending on the clock frequency.
The autoselect function allows the host system to determine whether the flash device is enabled
for handshaking. See the Autoselect Command Sequence for more information.
19.3.6
Burst Length Configuration
The device supports four different read modes: continuous mode, and 8, 16, and 32 word linear
with or without wrap around modes. A continuous sequence (default) begins at the starting ad-
dress and advances the address pointer until the burst operation is complete. If the highest
address in the device is reached during the continuous burst read mode, the address pointer
wraps around to the lowest address.
For example, an eight-word linear read with wrap around begins on the starting address written
to the device and then advances to the next 8 word boundary. The address pointer then returns
to the 1st word after the previous eight word boundary, wrapping through the starting location.
The sixteen- and thirty-two linear wrap around modes operate in a fashion similar to the eight-
word mode.
Table 19.8 shows the CR0.2-CR0.0 and settings for the four read modes.
Note: Upon power-up or hardware reset the default setting is continuous.
19.3.7
Burst Wrap Around
By default, the device will perform burst wrap around with CR0.3 set to a ‘1’. Changing the CR0.3
to a ‘0’ disables burst wrap around.
19.3.8
RDY Configuration
By default, the device is set so that the RDY pin will output VOH whenever there is valid data on
the outputs. The device can be set so that RDY goes active one data cycle before active data.
CR0.8 determines this setting; 1 for RDY active (default) with data, 0 for RDY active one clock
cycle before valid data.
19.3.9
RDY Polarity
By default, the RDY pin will always indicate that the device is ready to handle a new transaction
with CR0.10 set to a ‘1’. In this case, the RDY pin is active high. Changing the CR0.10 to a ‘0’
sets the RDY pin to be active low. In this case, the RDY pin will always indicate that the device is
ready to handle a new transaction when low.
Table 19.8 Burst Length Configuration
Burst Modes
Address Bits
CR0.2
CR0.1
CR0.0
Continuous
0
0
0
8-word linear
0
1
0
16-word linear
0
1
1
32-word linear
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com