Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # 33982
Description  Single intelligent high-current selfprotected high-side switch (2.0 mOhm)
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

33982 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button 33982 Datasheet HTML 14Page - NXP Semiconductors 33982 Datasheet HTML 15Page - NXP Semiconductors 33982 Datasheet HTML 16Page - NXP Semiconductors 33982 Datasheet HTML 17Page - NXP Semiconductors 33982 Datasheet HTML 18Page - NXP Semiconductors 33982 Datasheet HTML 19Page - NXP Semiconductors 33982 Datasheet HTML 20Page - NXP Semiconductors 33982 Datasheet HTML 21Page - NXP Semiconductors 33982 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
18
NXP Semiconductors
33982
FUNCTIONAL DESCRIPTION
DIGITAL DRAIN VOLTAGE POWER (VDD)
This is an external voltage input pin used to supply power to the SPI circuit. In the event VDD is lost, an internal supply provides power to
a portion of the logic, ensuring limited functionality of the device. All device configuration registers are reset.
SERIAL OUTPUT (SO)
This output pin is connected to the SPI Serial Data Input pin of the MCU or to the SI pin of the next device in a daisy chain of devices.
This output remains tri-stated (high-impedance OFF condition) so long as the CS pin of the device is logic High. SO is only active when
the CS pin of the device is asserted logic Low. The generated SO output signals are CMOS logic levels. SO output data is available on
the falling edge of SCLK and transitions immediately on the rising edge of SCLK.
POSITIVE POWER SUPPLY (VPWR)
This pin connects to the positive power supply and is the source input of operational power for the device. The VPWR pin is a backside
surface mount tab of the package.
HIGH-SIDE OUTPUT (HS)
This pin protects high-side power output to the load. Output pins must be connected in parallel for operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com