Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 33982
Description  Single intelligent high-current selfprotected high-side switch (2.0 mOhm)
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

33982 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 33982 Datasheet HTML 7Page - NXP Semiconductors 33982 Datasheet HTML 8Page - NXP Semiconductors 33982 Datasheet HTML 9Page - NXP Semiconductors 33982 Datasheet HTML 10Page - NXP Semiconductors 33982 Datasheet HTML 11Page - NXP Semiconductors 33982 Datasheet HTML 12Page - NXP Semiconductors 33982 Datasheet HTML 13Page - NXP Semiconductors 33982 Datasheet HTML 14Page - NXP Semiconductors 33982 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
NXP Semiconductors
11
33982
ELECTRICAL CHARACTERISTICS
CONTROL INTERFACE
VIH
Input Logic High-voltage
0.7 x VDD
V
(15)
VIL
Input Logic Low-voltage
0.2 x VDD
V
(15)
VIN(HYS)
Input Logic Voltage Hysteresis
100
600
1200
mV
(16)
IDWN
Input Logic Pull-down Current (SCLK, IN, SI)
5.0
20
A
VRST
RST Input Voltage Range
4.5
5.0
5.5
V
CSO
SO, FS Tri-state Capacitance
20
pF
(17)
RDWN
Input Logic Pull-down Resistor (RST) and WAKE
100
200
400
k
CIN
Input Capacitance
4.0
12
pF
(17)
VCL(WAKE)
WAKE Input Clamp Voltage
ICL(WAKE) < 2.5 mA
7.0
14
V
(18)
VF(WAKE)
WAKE Input Forward Voltage
ICL(WAKE) = -2.5 mA
-2.0
-0.3
V
VSOH
SO High-state Output Voltage
IOH = 1.0 mA
0.8 x VDD
V
VSOL
FS, SO Low-state Output Voltage
IOL = -1.6 mA
0.2
0.4
V
ISO(LEAK)
SO Tri-state Leakage Current
CS > 0.7 x VDD
-5.0
0.0
5.0
A
IUP
Input Logic Pull-up Current
CS, VIN > 0.7 x VDD
5.0
20
A
(19)
RFS
RFSDIS
RFSOFF
RFSON
FSI Input Pin External Pull-down Resistance
FSI Disabled, HS Indeterminate
FSI Enabled, HS OFF
FSI Enabled, HS ON
6.0
30
0.0
10
1.0
14
k
Notes
15.
Upper and lower logic threshold voltage range applies to SI, CS, SCLK, RST, IN, and WAKE input signals. The WAKE and RST signals may be
supplied by a derived voltage reference to VPWR.
16.
No hysteresis on FSI and wake pins. Parameter is guaranteed by process monitoring but is not production tested.
17.
Input capacitance of SI, CS, SCLK, RST, and WAKE. This parameter is guaranteed by process monitoring but is not production tested.
18.
The current must be limited by a series resistance when using voltages > 7.0 V.
19.
Pull-up current is with CS OPEN. CS has an active internal pull-up to VDD.
Table 4. Static electrical characteristics (continued)
Characteristics noted under conditions 4.5 V
 VDD  5.5 V, 6.0 V  VPWR  27 V, -40 C  TA  125 C, unless otherwise noted. Typical
values noted reflect the approximate parameter mean at TA = 25 C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com