Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # 33982
Description  Single intelligent high-current selfprotected high-side switch (2.0 mOhm)
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

33982 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button 33982 Datasheet HTML 39Page - NXP Semiconductors 33982 Datasheet HTML 40Page - NXP Semiconductors 33982 Datasheet HTML 41Page - NXP Semiconductors 33982 Datasheet HTML 42Page - NXP Semiconductors 33982 Datasheet HTML 43Page - NXP Semiconductors 33982 Datasheet HTML 44Page - NXP Semiconductors 33982 Datasheet HTML 45Page - NXP Semiconductors 33982 Datasheet HTML 46Page - NXP Semiconductors 33982 Datasheet HTML 47Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
46
NXP Semiconductors
33982
REVISION HISTORY
Revision history
Revision
Date
Description of Changes
10.0
2/2006
• Implemented Revision History page
• Deletion of MC33982 part number, replaced with MC33982B.
11.0
5/2006
• Corrected Pin connections to the proper case outline
• Added final sentence to Open Load Fault (Non-Latching)
• Corrected heading labels on Input timing switching characteristics
• Changed labels in the Typical applications drawing
• Corrected Package dimensions to Revision C
• Added Thermal addendum (Rev 4.0).
12.0
1/2007
• Added RoHS logo to the data sheet
13.0
7/2007
• Added Functional internal block description
• Minor corrections to Serial output bit map descriptions and Device behavior in case of undervoltage
14.0
6/2008
• Changed the labeling header on Dynamic electrical characteristics from 150 to 125 degrees C
• Updated Freescale form and style
15.0
7/2009
• Added Current Sense Leakage to Static Electrical Characteristics table (Table 3).
16.0
10/2009
• Added MC33982C to the ordering information
• Added a Device Variations table
17.0
5/2012
• Removed MC33982BPNA
• Updated orderable part number from MC33982CPNA to MC33982CHFK
• Updated (7)
• Updated Soldering information
• Updated Freescale form and style
18.0
10/2012
• Made limit changes to Dynamic electrical characteristics min, typ, and max.
9/2014
• Corrected Orderable Part number information.
• Updated Freescale form and style
• Updated back page
10/2016
• Updated document to NXP form and style
19.0
07/2023
• Updated per CIN 202306024I.
• Added package outline drawing number 98ASA00815D under “Bottom View” on page 1.
• Table 1, Orderable part variations (1): added part number MC33982EHFK.
• Table 3, Maximum ratings revised as follows:
•ECL: removed “33982B” from the Rating column and the associated value of “1.5” from the Value column.
•ECL: inserted “33982E” in the Rating column with the associated value of “0.6” in the Value column.
• Table 4, Static electrical characteristics: revised as follows:
•IOCH0/IOCH1, Output Overcurrent High Detection Levels (9.0 V < VPWR < 16 V): added two new rows for CHFK,
two new rows for EHFK and removed the original values.
•IOCL0-lOCL7, Overcurrent Low Detection Levels (SOCL[2:0]): added “CHFK” to the characteristic following
“(SOCL[2:0])”.
•IOCL0-lOCL7, Overcurrent Low Detection Levels (SOCL[2:0]) EHFK: added new row and values.
•CSR0/CSR1, Current Sense Ratio (9.0 V < VPWR < 16 V, CSNS < 4.5 V): added “CHFK” after “4.5v)”.
•CSR0/CSR1, Current Sense Ratio (9.0 V < VPWR < 16 V, CSNS < 4.5 V) EHFK: added new row and values.
• Table 5, Dynamic electrical characteristics: revised as follows:
•SRRA_SLOW: added rows for CHFK and EHFK and their associated Min, Typ, and Max values.
•SRRA_FAST: added rows for CHFK and EHFK and their associated Min, Typ, and Max values and removed the
original values.
•SRFA_SLOW: added rows for CHFK and EHFK and their associated Min, Typ, and Max values and removed the
original values.
•SRFA_FAST: added rows for CHFK and EHFK and their associated Min, Typ, and Max values and removed the
original values.
•tDLY(ON): added rows for CHFK and EHFK and their associated Min, Typ, and Max values and removed the
original values.
•tDLY_SLOW(OFF): added rows for CHFK and EHFK and their associated Min, Typ, and Max values and removed
the original values.
•tDLY_FAST(OFF): added rows for CHFK and EHFK and their associated Min, Typ, and Max values and removed
the original values.
• Added package outline drawing number “and 98ASA00815D” and Table 19 below “Package
dimensions” on page 30.
• Packaging: Updated the package images from 98ARL10521D to 98ASA00815D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com