Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # 33982
Description  Single intelligent high-current selfprotected high-side switch (2.0 mOhm)
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

33982 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button 33982 Datasheet HTML 19Page - NXP Semiconductors 33982 Datasheet HTML 20Page - NXP Semiconductors 33982 Datasheet HTML 21Page - NXP Semiconductors 33982 Datasheet HTML 22Page - NXP Semiconductors 33982 Datasheet HTML 23Page - NXP Semiconductors 33982 Datasheet HTML 24Page - NXP Semiconductors 33982 Datasheet HTML 25Page - NXP Semiconductors 33982 Datasheet HTML 26Page - NXP Semiconductors 33982 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
NXP Semiconductors
23
33982
FUNCTIONAL DEVICE OPERATION
Functional device operation
Logic commands and registers
SPI PROTOCOL DESCRIPTION
The SPI interface has a full duplex, three-wire synchronous data transfer with four I/O lines associated with it: Serial Clock (SCLK), Serial
Input (SI), Serial Output (SO), and Chip Select (CS).
The SI/SO pins of the 33982 follow a first-in first-out (D7/D0) protocol with both input and output words transferring the most significant
bit (MSB) first. All inputs are compatible with 5.0 V CMOS logic levels. The SPI lines perform the following functions:
SERIAL CLOCK (SCLK)
The SCLK pin clocks the internal shift registers of the 33982 device. The serial input pin (SI) accepts data into the input shift register on
the falling edge of the SCLK signal while the serial output pin (SO) shifts data information out of the SO line driver on the rising edge of
the SCLK signal. It is important that the SCLK pin be in a logic LOW state whenever CS makes any transition. For this reason, it is
recommended that the SCLK pin be in a logic [0] state whenever the device is not accessed (CS logic [1] state). SCLK has an active
internal pull-down, IDWN. When CS is logic [1], signals at the SCLK and SI pins are ignored and SO is tri-stated (high-impedance). (See
Figure 10 and Figure 11.)
SERIAL INTERFACE (SI)
This is a serial interface (SI) command data input pin. SI instruction is read on the falling edge of SCLK. An 8-bit stream of serial data is
required on the SI pin, starting with D7 to D0. The internal registers of the 33982 are configured and controlled using a 4-bit addressing
scheme, as shown in Table 9. Register addressing and configuration are described in Table 10. The SI input has an active internal pull-
down, IDWN.
SERIAL OUTPUT (SO)
The SO pin is a tri-stateable output from the shift register. The SO pin remains in a high-impedance state until the CS pin is put into a
logic [0] state. The SO data is capable of reporting the status of the output, the device configuration, and the state of the key inputs. The
SO pin changes states on the rising edge of SCLK and reads out on the falling edge of SCLK. Fault and input status descriptions are
provided in Table 16.
CHIP SELECT (CS)
The CS pin enables communication with the master microcontroller (MCU). When this pin is in a logic [0] state, the device is capable of
transferring information to and receiving information from the MCU. The 33982 latches in data from the input shift registers to the
addressed registers on the rising edge of CS. The device transfers status information from the power output to the shift register on the
falling edge of CS. The SO output driver is enabled when CS is logic [0]. CS should transition from a logic [1] to a logic [0] state only when
SCLK is a logic [0]. CS has an active internal pull-up, IUP.
Figure 10. Single 8-bit word SPI communication
CSB
SI
SCLK
D7
D1
D2
D3
D4
D5
D6
D0
OD7
OD6
OD1
OD2
OD3
OD4
OD5
NOTES:
OD0
SO
1.
RSTB is in a logic 1 state during the above operation.
2.
D0, D1, D2, ..., and D7 relate to the most recent ordered entry of data into the SPSS
3.
OD0, OD1, OD2, ..., and OD7 relate to the first 8 bits of ordered fault and status data out
of the device.
CS
SO
RST
1. RST is a logic [1] state during the above operation.
2. D7:D0 relate to the most recent ordered entry of data into the device.
3. OD7:OD0 relate to the first 8 bits of ordered fault and status data out of the device.
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com