Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 33982
Description  Single intelligent high-current selfprotected high-side switch (2.0 mOhm)
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

33982 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 33982 Datasheet HTML 5Page - NXP Semiconductors 33982 Datasheet HTML 6Page - NXP Semiconductors 33982 Datasheet HTML 7Page - NXP Semiconductors 33982 Datasheet HTML 8Page - NXP Semiconductors 33982 Datasheet HTML 9Page - NXP Semiconductors 33982 Datasheet HTML 10Page - NXP Semiconductors 33982 Datasheet HTML 11Page - NXP Semiconductors 33982 Datasheet HTML 12Page - NXP Semiconductors 33982 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
NXP Semiconductors
9
33982
ELECTRICAL CHARACTERISTICS
POWER OUTPUT (CONTINUED)
IOCL0
IOCL1
IOCL2
IOCL3
IOCL4
IOCL5
IOCL6
IOCL7
Overcurrent Low Detection Levels (SOCL[2:0]) CHFK
000
001
010
011
100
101
110
111
41
36
32
29
25
20
16
12
50
45
40
35
30
25
20
15
59
54
48
41
35
30
24
18
A
IOCL0
IOCL1
IOCL2
IOCL3
IOCL4
IOCL5
IOCL6
IOCL7
Overcurrent Low Detection Levels (SOCL[2:0]) EHFK
000
001
010
011
100
101
110
111
37
33
29
26
23
18
14
11
46
42
37
32
28
23
18
14
55
51
45
38
33
28
22
17
A
CSR0
CSR1
Current Sense Ratio (9.0 V < VPWR < 16 V, CSNS < 4.5 V) CHFK
DICR D2 = 0
DICR D2 = 1
–
–
1/5400
1/40000
–
–
–
CSR0
CSR1
Current Sense Ratio (9.0 V < VPWR < 16 V, CSNS < 4.5 V) EHFK
DICR D2 = 0
DICR D2 = 1
–
–
1/4900
1/34700
–
–
–
CSR0_ACC
Current Sense Ratio (CSR0) Accuracy
Output Current
10 A
20 A
25 A
30 A
40 A
50 A
-20
-14
-13
-12
-13
-13
–
–
–
–
–
–
20
14
13
12
13
13
%
CSR1_ACC
Current Sense Ratio (CSR1) Accuracy
Output Current
10 A
20 A
25 A
30 A
40 A
50 A
-25
-19
-18
-17
-18
-18
–
–
–
–
–
–
25
19
18
17
18
18
%
VCL(CSNS)
Current Sense Clamp Voltage
CSNS Open, IHS = 59.0 A
4.5
6.0
7.0
V
ILEAK(CSNS)
Current Sense Leakage
IN = 1 with OUT opened of load or IN = 0
0.0
10
20
A
(12)
IOLDC
Open Load Detection Current
30
–
100
A
(13)
VOLD(THRES)
Output Fault Detection Threshold
Output Programmed OFF
2.0
3.0
4.0
V
Table 4. Static electrical characteristics (continued)
Characteristics noted under conditions 4.5 V
 VDD  5.5 V, 6.0 V  VPWR  27 V, -40 C  TA  125 C, unless otherwise noted. Typical
values noted reflect the approximate parameter mean at TA = 25 C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com