Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 33982
Description  Single intelligent high-current selfprotected high-side switch (2.0 mOhm)
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

33982 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 33982 Datasheet HTML 6Page - NXP Semiconductors 33982 Datasheet HTML 7Page - NXP Semiconductors 33982 Datasheet HTML 8Page - NXP Semiconductors 33982 Datasheet HTML 9Page - NXP Semiconductors 33982 Datasheet HTML 10Page - NXP Semiconductors 33982 Datasheet HTML 11Page - NXP Semiconductors 33982 Datasheet HTML 12Page - NXP Semiconductors 33982 Datasheet HTML 13Page - NXP Semiconductors 33982 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
10
NXP Semiconductors
33982
ELECTRICAL CHARACTERISTICS
VCL
Output Negative Clamp Voltage
0.5 A < IHS < 2.0 A, Output OFF
-20
–
-15
V
TSD
Overtemperature Shutdown
160
175
190
C
(14)
TSD(HYS)
Overtemperature Shutdown Hysteresis
5.0
–
20
C
(14)
Notes
12.
This parameter is achieved by the design characterization by measuring a statistically relevant sample size across process variations but, not
tested in production.
13.
Output OFF open load detection current is the current required to flow through the load for the purpose of detecting the existence of an open load
condition when the specific output is commanded OFF.
14.
Guaranteed by process monitoring. Not production tested.
Table 4. Static electrical characteristics (continued)
Characteristics noted under conditions 4.5 V
 VDD  5.5 V, 6.0 V  VPWR  27 V, -40 C  TA  125 C, unless otherwise noted. Typical
values noted reflect the approximate parameter mean at TA = 25 C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com