Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 33982
Description  Single intelligent high-current selfprotected high-side switch (2.0 mOhm)
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

33982 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 33982 Datasheet HTML 10Page - NXP Semiconductors 33982 Datasheet HTML 11Page - NXP Semiconductors 33982 Datasheet HTML 12Page - NXP Semiconductors 33982 Datasheet HTML 13Page - NXP Semiconductors 33982 Datasheet HTML 14Page - NXP Semiconductors 33982 Datasheet HTML 15Page - NXP Semiconductors 33982 Datasheet HTML 16Page - NXP Semiconductors 33982 Datasheet HTML 17Page - NXP Semiconductors 33982 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
14
NXP Semiconductors
33982
ELECTRICAL CHARACTERISTICS
Timing diagrams
Figure 4. Output slew rate and time delays
SPI INTERFACE CHARACTERISTICS
tCS
Rising Edge of CS to Falling Edge of CS (Required Setup Time)
300
ns
(27)
tENBL
Rising Edge of RST to Falling Edge of CS (Required Setup Time)
5.0
s
(27)
tLEAD
Falling Edge of CS to Rising Edge of SCLK (Required Setup Time)
50
167
ns
(27)
tWSCLKH
Required High-state Duration of SCLK (Required Setup Time)
167
ns
(27)
tWSCLKL
Required Low-state Duration of SCLK (Required Setup Time)
167
ns
(27)
tLAG
Falling Edge of SCLK to Rising Edge of CS (Required Setup Time)
50
167
ns
(27)
tSI(SU)
SI to Falling Edge of SCLK (Required Setup Time)
25
83
ns
(28)
tSI(HOLD)
Falling Edge of SCLK to SI (Required Setup Time)
25
83
ns
(28)
tRSO
SO Rise Time
CL = 200 pF
25
50
ns
tFSO
SO Fall Time
CL = 200 pF
25
50
ns
tRSI
SI, CS, SCLK, Incoming Signal Rise Time
50
ns
(28)
tFSI
SI, CS, SCLK, Incoming Signal Fall Time
50
ns
(28)
tSO(EN)
Time from Falling Edge of CS to SO Low-impedance
145
ns
(29)
tSO(DIS)
Time from Rising Edge of CS to SO High-impedance
65
145
ns
(30)
tVALID
Time from Rising Edge of SCLK to SO Data Valid
0.2 VDD SO  0.8 VDD, CL = 200 pF
65
105
ns
(31)
Notes
27.
Maximum setup time required for the 33982 is the minimum guaranteed time needed from the microcontroller.
28.
Rise and Fall time of incoming SI, CS, and SCLK signals suggested for design consideration to prevent the occurrence of double pulsing.
29.
Time required for output status data to be available for use at SO. 1.0 k
on pull-up on CS.
30.
Time required for output status data to be terminated at SO. 1.0 k
on pull-up on CS.
31.
Time required to obtain valid data out from SO following the rise of SCLK.
Table 5. Dynamic electrical characteristics (continued)
Characteristics noted under conditions 4.5 V
 VDD  5.5 V, 6.0 V  VPWR  27 V, -40C  TA  125C, unless otherwise noted. Typical
values noted reflect the approximate parameter mean at TA = 25C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes
VPWR
VPWR - 0.5V
VPWR - 3V
0.5V
Tdly(off)
SRrA
SRrB
SRfA
SRfB
CS
Tdly(on)
VPWR
VPWR-0.5 V
VPWR-3.5 V
0.5 V
tDLY(ON)
SRRB_SLOW &
SRFB_SLOW & SRFB_FAST
SRFA_SLOW & SRFA_FAST
SRRA_SLOW &
HS
SRRA _FAST
SRRB_FAST
tDLY_SLOW(OFF) & tDLY_FAST(OFF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com