Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # 33982
Description  Single intelligent high-current selfprotected high-side switch (2.0 mOhm)
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

33982 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button 33982 Datasheet HTML 38Page - NXP Semiconductors 33982 Datasheet HTML 39Page - NXP Semiconductors 33982 Datasheet HTML 40Page - NXP Semiconductors 33982 Datasheet HTML 41Page - NXP Semiconductors 33982 Datasheet HTML 42Page - NXP Semiconductors 33982 Datasheet HTML 43Page - NXP Semiconductors 33982 Datasheet HTML 44Page - NXP Semiconductors 33982 Datasheet HTML 45Page - NXP Semiconductors 33982 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
42
NXP Semiconductors
33982
ADDITIONAL DOCUMENTATION
Additional documentation
Thermal addendum (Rev 4.0)
Introduction
This thermal addendum is provided as a supplement to the 33982 technical datasheet. The
addendum provides thermal performance information that may be critical in the design and
development of system applications. All electrical, application, and packaging information
is provided in the datasheet.
Packaging and Thermal Considerations
This package is a dual die package. There are two heat sources in the package
independently heating with P1 and P2. This results in two junction temperatures, TJ1 and
TJ2, and a thermal resistance matrix with RJAmn.
For m, n =1, RJA11 is the thermal resistance from Junction 1 to the reference temperature
while only heat source 1 is heating with P1.
For m =1, n =2, RJA12 is the thermal resistance from Junction 1 to the reference
temperature while heat source 2 is heating with P2. This applies to RJ21 and RJ22,
respectively.
The stated values are solely for a thermal performance comparison of one package to another in a standardized environment. This
methodology is not meant to and does not predict the performance of a package in an application-specific environment. Stated values
were obtained by measurement and simulation according to the standards listed below.
Standards
Table 20. Thermal performance comparison
Thermal
Resistance
1 = Power Chip, 2 = Logic Chip [
C/W]
m =1,
n =1
m =1, n =2
m =2, n =1
m =2,
n =2
RJAmn
(1), (2)
20
16
39
RJBmn
(2), (3)
62.0
26
RJAmn
(1), (4)
53
40
73
RJCmn
(5)
<0.5
0.0
1.0
Notes:
1.
Per JEDEC JESD51-2 at natural convection, still air condition.
2.
2s2p thermal test board per JEDEC JESD51-7and
JESD51-5.
3.
Per JEDEC JESD51-8, with the board temperature on the center trace near the
power outputs.
4.
Single layer thermal test board per JEDEC JESD51-3 and JESD51-5.
5.
Thermal resistance between the die junction and the exposed pad, “infinite” heat
sink attached to exposed pad.
High-side Switch
33982
98ARL10521D
98ASA00815D
16-PIN PQFN
12 mm x 12 mm
Note For package dimensions, refer to
98ARL10521D and 98ASA00815D.
TJ1
TJ2
=
RJA11
RJA21
RJA12
RJA22
.
P1
P2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com