Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # 33982
Description  Single intelligent high-current selfprotected high-side switch (2.0 mOhm)
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

33982 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button 33982 Datasheet HTML 15Page - NXP Semiconductors 33982 Datasheet HTML 16Page - NXP Semiconductors 33982 Datasheet HTML 17Page - NXP Semiconductors 33982 Datasheet HTML 18Page - NXP Semiconductors 33982 Datasheet HTML 19Page - NXP Semiconductors 33982 Datasheet HTML 20Page - NXP Semiconductors 33982 Datasheet HTML 21Page - NXP Semiconductors 33982 Datasheet HTML 22Page - NXP Semiconductors 33982 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
NXP Semiconductors
19
33982
FUNCTIONAL DESCRIPTION
Functional internal block description
Figure 9. Functional internal block diagram
POWER SUPPLY
The 33982 is designed to operate from 4.0 V to 28 V on the VPWR pin. Characteristics are provided from 6.0 V to 20 V for the device.
The VPWR pin supplies power to internal regulator, analog, and logic circuit blocks. The VDD supply is used for serial peripheral interface
(SPI) communication in order to configure and diagnose the device. This IC architecture provides a low quiescent current sleep mode.
Applying VPWR and VDD to the device places the device in the Normal mode. The device transits to Fail-safe mode in case of failures on
the SPI (watchdog timeout).
HIGH-SIDE SWITCH: HS
This pin is the high-side output controlling multiple automotive loads with high inrush current, as well as motors and all types of resistive
and inductive loads. This N-channel MOSFET with a 2.0 m
RDS(on), is self-protected and presents extended diagnostics to detect load
disconnections and short-circuit fault conditions. The HS output is actively clamped during a turn-off of inductive loads.
MCU INTERFACE AND OUTPUT CONTROL
In Normal mode, the load is controlled directly from the MCU through the SPI. With a dedicated SPI command, it is possible to
independently turn on and off several loads that are PWMed at the same frequency, and duty cycles with only one PWM signal. An analog
feedback output provides a current proportional to the load current. The SPI is used to configure and to read the diagnostic status (faults)
of high-side output. The reported fault conditions are: open load, short-circuit to ground (OCLO-resistive and OCHI-severe short-circuit),
thermal shutdown, and under/overvoltage.
In Fail-safe mode, the load is controlled with dedicated parallel input pins. The device is configured in default mode.
MCU Interface and Output Control
MC33982 - Functional Block Diagram
Power Supply
Self-protected
High-side Switch
HS
Parallel Control Inputs
Power Supply
MCU Interface and Output Control
SPI Interface
High-side Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com