Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 33982
Description  Single intelligent high-current selfprotected high-side switch (2.0 mOhm)
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

33982 Datasheet(HTML) 2 Page - NXP Semiconductors

  33982 Datasheet HTML 1Page - NXP Semiconductors 33982 Datasheet HTML 2Page - NXP Semiconductors 33982 Datasheet HTML 3Page - NXP Semiconductors 33982 Datasheet HTML 4Page - NXP Semiconductors 33982 Datasheet HTML 5Page - NXP Semiconductors 33982 Datasheet HTML 6Page - NXP Semiconductors 33982 Datasheet HTML 7Page - NXP Semiconductors 33982 Datasheet HTML 8Page - NXP Semiconductors 33982 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
2
NXP Semiconductors
33982
ORDERABLE PARTS
Orderable parts
Table 1. Orderable part variations (1)
Part Number
Temperature (TA)
Package
Output Clamp
Energy
Reference
Location
OD3 bit for X111
address
Reference
Location
MC33982CHFK
-40 °C to 125 °C
16 PQFN
1.0J
Table 3
1
Table 16
MC33982EHFK
-40 °C to 125 °C
16 PQFN
0.6J
Table 3
1
Table 16
Notes
1.
To order parts in Tape & Reel, add the R2 suffix to the part number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com