Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 33982
Description  Single intelligent high-current selfprotected high-side switch (2.0 mOhm)
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

33982 Datasheet(HTML) 1 Page - NXP Semiconductors

  33982 Datasheet HTML 1Page - NXP Semiconductors 33982 Datasheet HTML 2Page - NXP Semiconductors 33982 Datasheet HTML 3Page - NXP Semiconductors 33982 Datasheet HTML 4Page - NXP Semiconductors 33982 Datasheet HTML 5Page - NXP Semiconductors 33982 Datasheet HTML 6Page - NXP Semiconductors 33982 Datasheet HTML 7Page - NXP Semiconductors 33982 Datasheet HTML 8Page - NXP Semiconductors 33982 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
Document Number: MC33982
Rev. 19.0, 07/2023
NXP Semiconductors
Data Sheet: Technical Data
© 2007-2023 NXP B.V.
Single intelligent high-current self-
protected high-side switch
(2.0 mOhm)
The 33982 is a self-protected silicon 2.0 mOhm high-side switch used to replace
electromechanical relays, fuses, and discrete devices in power management
applications. The 33982 is designed for harsh environments and includes self-
recovery features. The device is suitable for loads with high inrush current, as
well as motors and all types of resistive and inductive loads.
Programming, control, and diagnostics are implemented via the serial peripheral
interface (SPI). A dedicated parallel input is available for alternate and pulse-
width modulation (PWM) control of the output. SPI-programmable fault trip
thresholds allow the device to be adjusted for optimal performance in the
application.
Features
• Single 2.0 m
 max high-side switch with parallel input or SPI control
• 6.0 V to 27 V operating voltage with standby currents < 5.0
A
• Output current monitoring with two SPI-selectable current ratios
• SPI control of overcurrent limit, overcurrent fault blanking time, output OFF
open load detection, output ON/OFF control, watchdog timeout, slew
rates, and fault status reporting
• SPI status reporting of overcurrent, open and shorted loads,
overtemperature shutdown, undervoltage and overvoltage shutdown,
Fail-safe pin status, and program status
• Enhanced -16 V reverse polarity VPWR protection
Figure 1. 33982 simplified application diagram
HIGH-SIDE SWITCH
33982
Applications
• DC motor or solenoid
• Resistive and inductive loads
• Low-voltage lighting
SCALE 1:1
Bottom View
FK SUFFIX
98ARL10521D
98ASA00815D
16-PIN PQFN
VDD
I/O
I/O
SO
SCLK
CS
SI
I/O
I/O
A/D
VPWR
FS
WAKE
SI
SCLK
CS
SO
RST
IN
CSNS
FSI
GND
HS
GND
LOAD
33982
MCU
VDD
VDD
VDD
VPWR
GND
PWR GND


Similar Part No. - 33982

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33982 FREESCALE-33982 Datasheet
820Kb / 35P
Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm)
33982 FREESCALE-33982 Datasheet
646Kb / 36P
Single Intelligent High-current Self-protected High Side Switch (2.0 mOhm)
logo
NXP Semiconductors
33982 NXP-33982 Datasheet
2Mb / 49P
Single intelligent high-current selfprotected high-side switch (2.0 mOhm)
Rev. 20.0, 11/2023
logo
Freescale Semiconductor...
33982 FREESCALE-33982 Datasheet
888Kb / 37P
Single Intelligent High-current Self protected High-side Switch
Rev. 18.0, 9/2014
33982B FREESCALE-33982B Datasheet
722Kb / 34P
Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
More results

Similar Description - 33982

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33982 MOTOROLA-MC33982 Datasheet
771Kb / 24P
Single Intelligent High-Current Self-Protected Silicon High-Side Switch
logo
Freescale Semiconductor...
33982B FREESCALE-33982B Datasheet
722Kb / 34P
Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
33984B FREESCALE-33984B Datasheet
1Mb / 36P
Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
33982 FREESCALE-33982_08 Datasheet
820Kb / 35P
Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm)
33982B FREESCALE-33982B_09 Datasheet
840Kb / 36P
Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
33982 FREESCALE-33982 Datasheet
646Kb / 36P
Single Intelligent High-current Self-protected High Side Switch (2.0 mOhm)
33984 FREESCALE-33984 Datasheet
952Kb / 38P
Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
33988 FREESCALE-33988_12 Datasheet
919Kb / 34P
Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0 mOhm)
logo
NXP Semiconductors
MC33984 NXP-MC33984 Datasheet
1Mb / 57P
Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)
Rev. 17.0, 07/2023
MC33982 NXP-MC33982_V01 Datasheet
2Mb / 49P
Single intelligent high-current selfprotected high-side switch (2.0 mOhm)
Rev. 20.0, 11/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com