Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 33982
Description  Single intelligent high-current selfprotected high-side switch (2.0 mOhm)
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

33982 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 33982 Datasheet HTML 2Page - NXP Semiconductors 33982 Datasheet HTML 3Page - NXP Semiconductors 33982 Datasheet HTML 4Page - NXP Semiconductors 33982 Datasheet HTML 5Page - NXP Semiconductors 33982 Datasheet HTML 6Page - NXP Semiconductors 33982 Datasheet HTML 7Page - NXP Semiconductors 33982 Datasheet HTML 8Page - NXP Semiconductors 33982 Datasheet HTML 9Page - NXP Semiconductors 33982 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
6
NXP Semiconductors
33982
ELECTRICAL CHARACTERISTICS
Electrical characteristics
Maximum ratings
Table 3. Maximum ratings
All voltages are with respect to ground unless otherwise noted.
Symbol
Rating
Value
Unit
Notes
ELECTRICAL RATINGS
VPWR
Operating Voltage Range
Steady-state
-16 to 41
V
VDD
VDD Supply Voltage
-0.3 to 5.5
V
VIN, RST, FSI,
CSNS, SI, SCLK,
CS, FS
Input/Output Voltage
-0.3 to 7.0
V
(2)
VSO
SO Output Voltage
-0.3 to VDD+0.3
V
(2)
ICL(WAKE)
WAKE Input Clamp Current
2.5
mA
ICL(CSNS)
CSNS Input Clamp Current
10
mA
IHS
Output Current
60
A
(3)
VHS
Output Voltage
Positive
Negative
41
-15
V
ECL
Output Clamp Energy
33982C
33982E
1.0
0.6
J
(4)
VESD1
VESD3
ESD Voltage
Human Body Model (HBM)
Charge Device Model (CDM)
Corner Pins (1, 12, 15, 16)
All Other Pins (2, 11, 13, 14)
±2000
±750
±500
V
(5)
Notes
2.
Exceeding this voltage limit may cause permanent damage to the device.
3.
Continuous high-side output current rating so long as maximum junction temperature is not exceeded. Calculation of maximum output current
using package thermal resistance is required.
4.
Active clamp energy using single-pulse method (L = 16 mH, RL = 0, VPWR = 12 V, TJ = 150°C).
5.
ESD1 testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 ESD3 testing is performed in
accordance with the Charge Device Model (CDM), Robotic (Czap = 4.0 pF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com