Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 33982
Description  Single intelligent high-current selfprotected high-side switch (2.0 mOhm)
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

33982 Datasheet(HTML) 3 Page - NXP Semiconductors

  33982 Datasheet HTML 1Page - NXP Semiconductors 33982 Datasheet HTML 2Page - NXP Semiconductors 33982 Datasheet HTML 3Page - NXP Semiconductors 33982 Datasheet HTML 4Page - NXP Semiconductors 33982 Datasheet HTML 5Page - NXP Semiconductors 33982 Datasheet HTML 6Page - NXP Semiconductors 33982 Datasheet HTML 7Page - NXP Semiconductors 33982 Datasheet HTML 8Page - NXP Semiconductors 33982 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
NXP Semiconductors
3
33982
INTERNAL BLOCK DIAGRAM
Internal block diagram
Figure 2. 33982 Simplified internal block diagram
GND
Programmable
Watchdog
310 ms to 2500 ms
Overtemperature
Detection
Selectable
Output Current
Recopy
1/5400 or 1/40000
Open Load
Detection
Logic
SPI
3.0 MHz
Selectable Overcurrent
Low Detection
0.15 ms to 155 ms
Selectable
Low Detection
15 A to 50 A
Selectable Overcurrent
High Detection
150 A or 100 A
Internal
Regulator
Programmable
Switch Delay
0 ms to525 ms
Selectable Slew
Rate Gate Drive
Overvoltage
Protection
HS
CSNS
VPWR
VDD
CS
SO
SI
SCLK
FS
IN
RST
WAKE
FSI
VIC
VIC
IDWN
RDWN
IUP
IUP
Blanking Time
Overcurrent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com