Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # 33982
Description  Single intelligent high-current selfprotected high-side switch (2.0 mOhm)
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

33982 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button 33982 Datasheet HTML 23Page - NXP Semiconductors 33982 Datasheet HTML 24Page - NXP Semiconductors 33982 Datasheet HTML 25Page - NXP Semiconductors 33982 Datasheet HTML 26Page - NXP Semiconductors 33982 Datasheet HTML 27Page - NXP Semiconductors 33982 Datasheet HTML 28Page - NXP Semiconductors 33982 Datasheet HTML 29Page - NXP Semiconductors 33982 Datasheet HTML 30Page - NXP Semiconductors 33982 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
NXP Semiconductors
27
33982
FUNCTIONAL DEVICE OPERATION
Address 1110—Undervoltage/Overvoltage Register (UOVR)
The UOVR register can be used to disable or enable the overvoltage and/or undervoltage protection. By default ([0]), both protections are
active. When disabled, an undervoltage or overvoltage condition fault is not reported in bits D1 and D0 of the output fault register.
Address x111—TEST
The TEST register is reserved for test and is not accessible with SPI during normal operation.
SERIAL OUTPUT COMMUNICATION (DEVICE STATUS RETURN DATA)
When the CS pin is pulled low, the output status register is loaded. Meanwhile, the data is clocked out MSB- (OD7-) first as the new
message data is clocked into the SI pin. The first eight bits of data clocking out of the SO, and following a CS transition, are dependant
upon the previously written SPI word.
Any bits clocked out of the SO pin after the first eight are representative of the initial message bits clocked into the SI pin since the CS pin
first transitioned to a logic [0]. This feature is useful for daisy chaining devices as well as message verification.
A valid message length is determined following a CS transition of logic [0] to logic [1]. If there is a valid message length, the data is latched
into the appropriate registers. A valid message length is a multiple of eight bits. At this time, the SO pin is tri-stated and the fault status
register is now able to accept new fault status information.
The output status register correctly reflects the status of the STATR-selected register data at the time the CS is pulled to a logic [0] during
SPI communication and/or for the period of time since the last valid SPI communication, with the following exceptions:
• The previous SPI communication was determined to be invalid. In this case, the status reports as though the invalid SPI
communication never occurred.
• Battery transients below 6.0 V resulting in an undervoltage shutdown of the outputs may result in incorrect data loaded into the status
register. The SO data transmitted to the MCU during the first SPI communication following an undervoltage VPWR condition should
be ignored.
•The RST pin transition from a logic [0] to logic [1] while the WAKE pin is at logic [0] may result in incorrect data loaded into the status
register. The SO data transmitted to the MCU during the first SPI communication following this condition should be ignored.
SERIAL OUTPUT BIT ASSIGNMENT
The eight bits of serial output data depend on the previous serial input message, as explained in the following paragraphs. Table 16
summarizes the SO register content.
Bit OD7 reflects the state of the watchdog bit (D7) addressed during the prior communication. The contents of bits OD6:OD0 depend upon
the bits D2:D0 from the most recent STATR command SOA2:SOA0.
Previous Address SOA[2:0]=000
If the previous three MSBs are 000, bits OD6:OD0 reflect the current state of the Fault register (FLTR) (Table 17).
Table 16. Serial output bit map descriptions
Previous STATR
D7, D2, D1, D0
Serial Output Returned Data
SOA3
SOA2
SOA1
SOA0
OD7
OD6
OD5
OD4
OD3
OD2
OD1
OD0
x
0
0
0
WDin
OTF
OCHF
OCLF
OLF
UVF
OVF
FAULT
x
0
0
1
WDin
0
0
1
0
0
CSNS EN
IN_SPI
x
0
1
0
WDin
0
1
0
SOCH
SOCL2
SOCL1
SOCL0
x
0
1
1
WDin
0
1
1
OL_dis
CD_dis
OCLT1
OCLT0
x
1
0
0
WDin
1
0
0
Fast SR
CSNS High
IN dis
A/O
0
1
0
1
0
1
0
1
FSM_HS
OSD2
OSD1
OSD0
1
1
0
1
1
1
0
1
0
WDTO
WD1
WD0
0
1
1
0
0
1
1
0
0
IN Pin
FSI Pin
WAKE Pin
1
1
1
0
1
1
1
0
0
1110
UV_dis
OV_dis
x
1
1
1
WDin
See Table 2
x = Don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com