Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # 33982
Description  Single intelligent high-current selfprotected high-side switch (2.0 mOhm)
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

33982 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button 33982 Datasheet HTML 39Page - NXP Semiconductors 33982 Datasheet HTML 40Page - NXP Semiconductors 33982 Datasheet HTML 41Page - NXP Semiconductors 33982 Datasheet HTML 42Page - NXP Semiconductors 33982 Datasheet HTML 43Page - NXP Semiconductors 33982 Datasheet HTML 44Page - NXP Semiconductors 33982 Datasheet HTML 45Page - NXP Semiconductors 33982 Datasheet HTML 46Page - NXP Semiconductors 33982 Datasheet HTML 47Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
NXP Semiconductors
43
33982
ADDITIONAL DOCUMENTATION
Figure 13. Surface mount for power PQFN
with exposed pads
Figure 14. Thermal test board
Note: Recommended via diameter is 0.5 mm. PTH (plated through
hole) via must be plugged / filled with epoxy or solder mask in order
to minimize void formation and to avoid any solder wicking into the
via.
1.0
1.0
0.2
0.2
* All measurements
are in millimeters
HS
HS
16
15
VPWR
14
GND
13
1
11 10 9 8 7
6 5
4
3 2
12
16-Pin PQFN
0.90 mm Pitch
12.0 mm x 12.0 mm Body
33982 Pin Connections
Transparent Top View
A
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com