Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # 33982
Description  Single intelligent high-current selfprotected high-side switch (2.0 mOhm)
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

33982 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button 33982 Datasheet HTML 16Page - NXP Semiconductors 33982 Datasheet HTML 17Page - NXP Semiconductors 33982 Datasheet HTML 18Page - NXP Semiconductors 33982 Datasheet HTML 19Page - NXP Semiconductors 33982 Datasheet HTML 20Page - NXP Semiconductors 33982 Datasheet HTML 21Page - NXP Semiconductors 33982 Datasheet HTML 22Page - NXP Semiconductors 33982 Datasheet HTML 23Page - NXP Semiconductors 33982 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
20
NXP Semiconductors
33982
FUNCTIONAL DEVICE OPERATION
Functional device operation
Operational modes
The 33982 has four operating modes: Sleep, Normal, Fault, and Fail-safe. Table 6 summarizes details contained in succeeding
paragraphs.
SLEEP MODE
The default mode of the 33982 is the Sleep mode. This is the state of the device after first applying battery voltage (VPWR), prior to any
I/O transitions. This is also the state of the device when the WAKE and RST are both logic [0]. In the Sleep mode, the output and all unused
internal circuitry, such as the internal 5.0 V regulator, are off to minimize current draw. In addition, all SPI-configurable features of the
device are as if set to logic [0]. The device transitions to the Normal or Fail-safe operating modes based on the WAKE and RST inputs as
defined in Table 6.
NORMAL MODE
The 33982 is in Normal mode when:
•VPWR is within the normal voltage range.
• RST pin is logic [1].
• No fault has occurred.
FAIL-SAFE MODE AND WATCHDOG
If the FSI input is not grounded, the watchdog timeout detection is active when either the WAKE or RST input pin transitions from logic [0]
to logic [1]. The WAKE input is capable of being pulled up to VPWR with a series of limiting resistance that limits the internal clamp current.
The watchdog timeout is a multiple of an internal oscillator and is specified in Table 15. As long as the WD bit (D7) of an incoming SPI
message is toggled within the minimum watchdog timeout period (WDTO), based on the programmed value of the WDR the device
operates normally. If an internal watchdog timeout occurs before the WD bit, the device reverts to a Fail-safe mode until the device is
reinitialized.
During the Fail-safe mode, the output is ON or OFF depending upon the resistor RFS connected to the FSI pin, regardless of the state of
the various direct inputs and modes (Table 7). In this mode, the SPI register content is retained except for overcurrent high and low
detection levels and timing, which are reset to their default value (SOCL, SOCH, OCLT). The watchdog, overvoltage, overtemperature,
and overcurrent circuitry (with default value for this one) are fully operational.
The Fail-safe mode can be detected by monitoring the WDTO bit D2 of the WDR register. This bit is logic [1] when the device is in Fail-
safe mode. The device can be brought out of the Fail-safe mode by transitioning the WAKE and RST pins from logic [1] to logic [0] or
forcing the FSI pin to logic [0]. Table 6 summarizes the various methods for resetting the device from the latched Fail-safe mode.
Table 6. Fail-safe operation and transitions to other 33982 modes
Mode
FS
WAKE
RST
WDTO
Comments
Sleep
x
0
0
x
Device is in Sleep mode. All outputs are OFF.
Normal
1
x
1
No
Normal mode. Watchdog is active if enabled.
Fault
0
1
x
No
The device is currently in Fault mode. The faulted output is OFF.
0
x
1
Fail-safe
1
0
1
Yes
Watchdog has timed out and the device is in Fail-safe mode. The output is as configured with the RFS
resistor connected to FSI. RST and WAKE must be transitioned to logic [0] simultaneously to bring the
device out of the Fail-safe mode or momentarily tied the FSI pin to ground.
1
1
1
1
0
1
1
1
0
x = Don’t care.
Table 7. Output state during fail-safe mode
RFS (k
)
High-side State
0
Fail-safe Mode Disabled
10
HS OFF
30
HS ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com