Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # 33982
Description  Single intelligent high-current selfprotected high-side switch (2.0 mOhm)
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

33982 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button 33982 Datasheet HTML 25Page - NXP Semiconductors 33982 Datasheet HTML 26Page - NXP Semiconductors 33982 Datasheet HTML 27Page - NXP Semiconductors 33982 Datasheet HTML 28Page - NXP Semiconductors 33982 Datasheet HTML 29Page - NXP Semiconductors 33982 Datasheet HTML 30Page - NXP Semiconductors 33982 Datasheet HTML 31Page - NXP Semiconductors 33982 Datasheet HTML 32Page - NXP Semiconductors 33982 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
NXP Semiconductors
29
33982
TYPICAL APPLICATIONS
Typical applications
Figure 12. Typical applications
The loads must be chosen in order to guarantee the device normal operating condition for junction temperatures from -40 °C to 150°C.
In case of permanent short-circuit conditions, the duration and number of activation cycles must be limited with a dedicated MCU fault
management, using the fault reporting through the SPI. When driving DC motor or Solenoid loads demanding multiple switching, an
external recirculation device must be used to maintain the device in its safe operating area.
Two application notes are available:
• AN3274, which proposes safe configurations of the eXtreme switch devices in case of application faults, and to protect all circuitry with
minimum external components.
• AN2469, which provides guidelines for printed circuit board (PCB) design and assembly.
Development effort is required by the end users to optimize the board design and PCB layout, in order to reach electromagnetic
compatibility standards (emission and immunity).
A/D
MCU
I/O
I/O
SI
SO
SCLK
I/O
CS
SO
SI
FS
VDD
FSI
CSNS
RST
CS
IN
SCLK
NC
WAKE
NC VPWR
33982
100nF
10µF
VDD
VDD
GND
HS
HS
VPWR
VPWR
2.5µF
10nF
LOAD
RFS
1k
10 k
10 k
VDD
10
3
7
8
4
2
9
5
13
1
16
6
15
14
11
Voltage
Regulator
VDD
VPWR
NC
12
10k
10k
10k
10k
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com